Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1H-CPU67-E Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CS1H-CPU67-E
Description  CS1 Ordering Guide C200H Basic I/O Modules
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1H-CPU67-E Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CS1H-CPU67-E Datasheet HTML 7Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 8Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 9Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 10Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 11Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 12Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 13Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 14Page - Omron Electronics LLC CS1H-CPU67-E Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
CS1 Ordering Guide
488
CS1 High-density I/O Modules
Item
Description
Mountable racks
Bits allo-
t d
Standards
Part number
CPU
rack
C200H ex-
pansion
I/O racks
CS1 ex-
pansion
racks
SYSMAC
BUS
slave
racks
cated
(CIO 0000
to
CIO 0319)
DC Input
Modules
24 VDC, 96 inputs
Yes
No
Yes
No
96
U, C, N, CE, L
CS1W-ID291
Transistor
Output
Modules
12 to 24 VDC, 0.1 A,
96 sinking outputs
Yes
No
Yes
No
96
U, C, N, CE, L
CS1W-OD291
12 to 24 VDC, 0.1 A,
96 sourcing outputs
Yes
No
Yes
No
96
CS1W-OD292
DC Input/
Transistor
Output
Modules
24 VDC, 0.1 A,
48 inputs, 48 outputs,
sinking inputs/outputs
Yes
No
Yes
No
96 total
48 outputs,
48 inputs
CS1W-MD291
24 VDC, 0.1 A,
48 inputs, 48 outputs,
sourcing inputs/outputs
Yes
No
Yes
No
96 total
48 outputs,
48 inputs
CS1W-MD292
Connectors for CS1 High-density I/O Modules
Item
Connection
Description
Part number
Applicable Connectors
Solder-type (included with module)
Socket: FCN-361J056-AU
Connector bar: FCN-360C056-J2
CS1W-CE561
Crimp-type
Socket: FCN-363J056
Connector bar: FCN-360C056-J2
Contacts: FCN-363J-AU
CS1W-CE562
Ribbon-type
FCN-367J056-AU
CS1W-CE563


Similar Part No. - CS1H-CPU67-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1H-CPU67-E OMRON-CS1H-CPU67-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Similar Description - CS1H-CPU67-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com