Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK5032DPD-00J2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK5032DPD-00J2
Description  500V - 3A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK5032DPD-00J2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK5032DPD-00J2 Datasheet HTML 1Page - Renesas Technology Corp RJK5032DPD-00J2 Datasheet HTML 2Page - Renesas Technology Corp RJK5032DPD-00J2 Datasheet HTML 3Page - Renesas Technology Corp RJK5032DPD-00J2 Datasheet HTML 4Page - Renesas Technology Corp RJK5032DPD-00J2 Datasheet HTML 5Page - Renesas Technology Corp RJK5032DPD-00J2 Datasheet HTML 6Page - Renesas Technology Corp RJK5032DPD-00J2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK5032DPD
Preliminary
R07DS0836EJ0200 Rev.2.00
Page 5 of 6
Aug 08, 2012
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 250 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
Ω
90%
10%
tf
Switching Time Test Circuit
Waveform
10
μ
100
μ
1 m
10 m
100 m
1
100
10
PDM
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 3.1
°C/W, Tc = 25°C
θ
γ
θ
θ
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
10
1
0.01
0.1


Similar Part No. - RJK5032DPD-00J2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJK5032DPD VBSEMI-RJK5032DPD Datasheet
1Mb / 9P
   Power MOSFET
logo
Renesas Technology Corp
RJK5032DPD RENESAS-RJK5032DPD_15 Datasheet
89Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
More results

Similar Description - RJK5032DPD-00J2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPD RENESAS-RJK5032DPD_15 Datasheet
89Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1629-E1-E RENESAS-2SK1629-E1-E_15 Datasheet
137Kb / 7P
   500V - 30A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com