Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB772Y Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSB772Y
Description  Audio Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB772Y Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSB772Y Datasheet HTML 1Page - Fairchild Semiconductor KSB772Y Datasheet HTML 2Page - Fairchild Semiconductor KSB772Y Datasheet HTML 3Page - Fairchild Semiconductor KSB772Y Datasheet HTML 4Page - Fairchild Semiconductor KSB772Y Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, October 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
0
-4
-8
-12
-16
-20
-0.4
-0.8
-1.2
-1.6
-2.0
I
B = -2mA
I
B = -10mA
I
B = -5mA
I
B = -3mA
I
B = -8mA
I
B = -9mA
I
B = -6mA
I
B = -1mA
I
B = -7mA
I
B = -4mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-1
-10
-100
-1000
-10000
1
10
100
1000
VCE = -2V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-10000
-1
-10
-100
-1000
-10000
VCE(sat)
VBE(sat)
IC = 10· I B
IC[mA], COLLECTOR CURRENT
-1
-10
-100
1
10
100
1000
I
E = 0
f=1MHz
V
CB[V], COLLECTOR-BASE VOLTAGE
-0.01
-0.1
-1
1
10
100
1000
VCE=5V
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
I
C MAX(DC)
I
C MAX(Pulse)
10
ms
1m
s
s/b
Li
m
ited
Dis
sipa
tion
Lim
ited
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSB772Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSB772 SAMSUNG-KSB772 Datasheet
264Kb / 7P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Foshan Blue Rocket Elec...
KSB772 FOSHAN-KSB772 Datasheet
954Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
More results

Similar Description - KSB772Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com