Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB772Y Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSB772Y
Description  Audio Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB772Y Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSB772Y Datasheet HTML 1Page - Fairchild Semiconductor KSB772Y Datasheet HTML 2Page - Fairchild Semiconductor KSB772Y Datasheet HTML 3Page - Fairchild Semiconductor KSB772Y Datasheet HTML 4Page - Fairchild Semiconductor KSB772Y Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, October 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2%
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 40
V
VCEO
Collector-Emitter Voltage
- 30
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 3
A
ICP
*Collector Current (Pulse)
- 7
A
IB
Base Current (DC)
- 0.6
A
PC
Collector Dissipation (TC=25°C)
10
W
Collector Dissipation (Ta=25°C)
1W
Rθja
Junction to Ambient
132
°C/W
Rθjc
Junction to Case
13.5
°C/W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = - 30V, IE = 0
- 1
µA
IEBO
Emitter Cut-off Current
VEB = - 3V, IC = 0
- 1
µA
hFE1
hFE2
* DC Current Gain
VCE = - 2V, IC = - 20mA
VCE = - 2V, IC = - 1A
30
60
220
160
400
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 2A, IB = - 0.2A
- 0.3
- 0.5
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 2A, IB = - 0.2A
- 1.0
- 2.0
V
fT
Current Gain Bandwidth Product
VCE = - 5V, IE = - 0.1A
80
MHz
Cob
Output Capacitance
VCB = - 10V, IE = 0
f = 1MHz
55
pF
Classification
R
O
Y
G
hFE2
60 ~ 120
100 ~ 200
160 ~ 320
200 ~ 400
KSB772
Audio Frequency Power Amplifier
• Low Speed Switching
• Complement to KSD882
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSB772Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSB772 SAMSUNG-KSB772 Datasheet
264Kb / 7P
   PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Foshan Blue Rocket Elec...
KSB772 FOSHAN-KSB772 Datasheet
954Kb / 6P
   Silicon PNP transistor in a TO-126 Plastic Package.
More results

Similar Description - KSB772Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com