Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK4513DPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK4513DPE
Description  450V - 16A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4513DPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK4513DPE_12 Datasheet HTML 1Page - Renesas Technology Corp RJK4513DPE_12 Datasheet HTML 2Page - Renesas Technology Corp RJK4513DPE_12 Datasheet HTML 3Page - Renesas Technology Corp RJK4513DPE_12 Datasheet HTML 4Page - Renesas Technology Corp RJK4513DPE_12 Datasheet HTML 5Page - Renesas Technology Corp RJK4513DPE_12 Datasheet HTML 6Page - Renesas Technology Corp RJK4513DPE_12 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK4513DPE
Preliminary
R07DS0471EJ0200 Rev.2.00
Page 5 of 6
Jun 21, 2012
Vin Monitor
D.U.T.
Vin
10 V
RL
V
= 225 V
DD
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
Ω
90%
10%
t f
Switching Time Test Circuit
Waveform
0.3
0.1
0.03
0.01
3
1
10
μ
100
μ
1 m10 m
100 m1
10
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
DM
P
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 1.25°C/W, Tc = 25°C
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1sh
ot
p
uls
e


Similar Part No. - RJK4513DPE_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4513DPE RENESAS-RJK4513DPE_15 Datasheet
85Kb / 7P
   450V - 16A - MOS FET High Speed Power Switching
More results

Similar Description - RJK4513DPE_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4513DPE RENESAS-RJK4513DPE_15 Datasheet
85Kb / 7P
   450V - 16A - MOS FET High Speed Power Switching
RJK4512DPP-E0 RENESAS-RJK4512DPP-E0_15 Datasheet
104Kb / 7P
   450V - 14A - MOS FET High Speed Power Switching
2SK1521-E1-E RENESAS-2SK1521-E1-E Datasheet
259Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
RJK4502DPD RENESAS-RJK4502DPD Datasheet
88Kb / 7P
   450V - 2.8A - MOS FET High Speed Power Switching
Aug 08, 2012
2SK1521-E1-E RENESAS-2SK1521-E1-E_15 Datasheet
93Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0_15 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
RJK4532DPD RENESAS-RJK4532DPD_15 Datasheet
80Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
RJK4502DPD RENESAS-RJK4502DPD_15 Datasheet
89Kb / 7P
   450V - 2.8A - MOS FET High Speed Power Switching
RJK4515DPK RENESAS-RJK4515DPK_12 Datasheet
84Kb / 7P
   450V - 27A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
   450V - 2.8A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com