Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGN400N30A3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGN400N30A3
Description  Ultra-Low-Vsat PT IGBT for up to 10kHz Switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN400N30A3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGN400N30A3 Datasheet HTML 1Page - IXYS Corporation IXGN400N30A3 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
300
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
300
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C (Chip Capability)
400
A
I
C110
T
C = 110°C
200
A
I
LRMS
Terminal Current Limit
200
A
I
CM
T
C = 25°C, 1ms
1200
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 1Ω
I
CM = 400
A
(RBSOA)
Clamped Inductive Load
@ 0.8 • V
CES
V
P
C
T
C = 25°C
735
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60Hz
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque (M4)
1.3/11.5
Nm/lb.in.
Weight
30
g
Features
Optimized for Low Conduction Losses
High Current Capability
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Inrush Current Protection Circuits
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 1mA, V
GE = 0V
300
V
V
GE(th)
I
C
= 4mA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
50 μA
T
J = 125°C
2 mA
I
GES
V
CE = 0V, VGE = ±20V
±400 nA
V
CE(sat)
I
C
= 100A, V
GE = 15V, Note 1
1.15
V
I
C
= 400A
1.70
V
DS99592B(7/09)
GenX3TM 300V IGBT
IXGN400N30A3
V
CES
= 300V
I
C25
= 400A
V
CE(sat)
≤≤≤≤ 1.15V
SOT-227B, miniBLOC
G = Gate, C = Collector, E = Emitter
Either Emitter Terminal Can Be Used
as Main or Kelvin Emitter
G
E
E
C
E153432
Ultra-Low-Vsat PT IGBT for
up to 10kHz Switching
E


Similar Part No. - IXGN400N30A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN400N60A3 IXYS-IXGN400N60A3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
   Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
More results

Similar Description - IXGN400N30A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN72N60A3 IXYS-IXGN72N60A3 Datasheet
190Kb / 6P
   Ultra Low Vsat PT IGBT for up to 5kHz switching
IXGA28N60A3 IXYS-IXGA28N60A3 Datasheet
259Kb / 6P
   Ultra Low Vsat PT IGBT for up to 5kHz Switching
MMIX1G120N120A3V1 IXYS-MMIX1G120N120A3V1 Datasheet
253Kb / 7P
   Ultra-Low-Vsat PT IGBT for 3kHz Switching
IXGR55N120A3H1 IXYS-IXGR55N120A3H1 Datasheet
101Kb / 2P
   Ultra-Low-Vsat PT IGBTs for up to 3kHz Switching
MMIX1G320N60B3 IXYS-MMIX1G320N60B3 Datasheet
250Kb / 7P
   Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
   Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
logo
Inchange Semiconductor ...
IXYN110N120A4 ISC-IXYN110N120A4 Datasheet
527Kb / 3P
   Ultra Low-Vsat IGBT
logo
IXYS Corporation
IXGN82N120B3H1 IXYS-IXGN82N120B3H1 Datasheet
197Kb / 6P
   High-Speed Low-Vsat PT IGBT for 3-20 kHz Switching
IXYH120N65A5 IXYS-IXYH120N65A5 Datasheet
1Mb / 7P
   Extreme Light Punch Through IGBT for up to 10kHz Switching
7/21
IXGH50N60B4D1 IXYS-IXGH50N60B4D1 Datasheet
205Kb / 7P
   Low-Vsat PT Trench IGBTs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com