Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZT71MG Datasheet(PDF) 11 Page - Arizona Microtek, Inc

Part # AZT71MG
Description  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71MG Datasheet(HTML) 11 Page - Arizona Microtek, Inc

Back Button AZT71MG Datasheet HTML 6Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 7Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 8Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 9Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 10Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 11Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 12Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 13Page - Arizona Microtek, Inc AZT71MG Datasheet HTML 14Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
11
Request a Sample
Jan 2013, Rev 1.3
Table 10 – AC Characteristics
AC Characteristics (VDD = 2.375V to 3.6V unless otherwise specified, TA = -40 to 85
°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
CF
Fixed Capacitance
6.6
pF
Chi
Step Size
6.4
pF
Max Value
19.2
pF
Cmid
Step Size
1.4
pF
Max Value
9.8
pF
Clo
Step Size
0.063
pF
Max Value
1.953
pF
CLK
Max CLK rate
50% duty cycle
5
MHz
Tprog
Programming Time (VDD=5.0V,
PV=6.0V)
per bit programmed
10
ms
Trise
Power supply ramp time
(EEPROM usage only)
Tambient > 80
°C
20
us
Q
Q Value
20MHz - Full Scale
150
300
20MHz - Mid Scale
100
200
80MHz - Full Scale
40
80
80MHz - Mid Scale
40
80
155MHz - Full Scale
25
50
155MHz - Mid Scale
25
50


Similar Part No. - AZT71MG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71MG AZM-AZT71MG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
More results

Similar Description - AZT71MG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com