Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZP96 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZP96
Description  PECL/ECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP96 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZP96_12 Datasheet HTML 1Page - Arizona Microtek, Inc AZP96_12 Datasheet HTML 2Page - Arizona Microtek, Inc AZP96_12 Datasheet HTML 3Page - Arizona Microtek, Inc AZP96_12 Datasheet HTML 4Page - Arizona Microtek, Inc AZP96_12 Datasheet HTML 5Page - Arizona Microtek, Inc AZP96_12 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Arizona Microtek, Inc.
AZP96
PECL/ECL Differential Receiver
www.azmicrotek.com
+1-480-962-5881
2
Request a Sample
May 2012, Rev 2.0
PIN DESCRIPTION AND CONFIGURATION
Table 1 - Pin Description
Pin
Name
Type
Function
1
NC
-
N/A
2
D
Input
Data Input
3
D
¯
Input
Inverting Data Input
4
VBB
Output
Reference Voltage
5
VEE
Power
Negative Supply
6
Q
¯
Output
Inverting PECL Output
7
Q
Output
PECL Output
8
VCC
Power
Positive Supply
NC
D
VBB
Q
Q
VEE
VCC
4
3
2
1
6
5
8
7
Leave Pad
open or
connect to
VEE
D
Figure 1 - Pin Configuration


Similar Part No. - AZP96_12

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96NG AZM-AZP96NG Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZP96NG AZM-AZP96NG Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
More results

Similar Description - AZP96_12

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
   ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
   ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
   ECL/PECL Differential Receiver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com