Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU45K272 Datasheet(PDF) 3 Page - Rohm

Part # BU45K272
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU45K272 Datasheet(HTML) 3 Page - Rohm

  BU45K272 Datasheet HTML 1Page - Rohm BU45K272 Datasheet HTML 2Page - Rohm BU45K272 Datasheet HTML 3Page - Rohm BU45K272 Datasheet HTML 4Page - Rohm BU45K272 Datasheet HTML 5Page - Rohm BU45K272 Datasheet HTML 6Page - Rohm BU45K272 Datasheet HTML 7Page - Rohm BU45K272 Datasheet HTML 8Page - Rohm BU45K272 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
15
001
3/14
17.May.2013 Rev.003
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
Datasheet
Lineup - Continued
Table 2. CMOS Output Type
Counter Timer Delay Time Settings
1-Pin GND
3-Pin GND
200ms
400ms
200ms
400ms
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
cW
BU46K482
fS
BU46K484
kP
BU46L482
pM
BU46L484
4.7V
cT
BU46K472
fR
BU46K474
kN
BU46L472
pK
BU46L474
4.6V
cS
BU46K462
fP
BU46K464
kM
BU46L462
pH
BU46L464
4.5V
cR
BU46K452
fN
BU46K454
kK
BU46L452
pG
BU46L454
4.4V
cP
BU46K442
fM
BU46K444
kH
BU46L442
pF
BU46L444
4.3V
cN
BU46K432
fK
BU46K434
kG
BU46L432
pE
BU46L434
4.2V
cM
BU46K422
fH
BU46K424
kF
BU46L422
pD
BU46L424
4.1V
cK
BU46K412
fG
BU46K414
kE
BU46L412
pC
BU46L414
4.0V
cH
BU46K402
fF
BU46K404
kD
BU46L402
pB
BU46L404
3.9V
cG
BU46K392
fE
BU46K394
kC
BU46L392
pA
BU46L394
3.8V
cF
BU46K382
fD
BU46K384
kB
BU46L382
nY
BU46L384
3.7V
cE
BU46K372
fC
BU46K374
kA
BU46L372
nX
BU46L374
3.6V
cD
BU46K362
fB
BU46K364
hY
BU46L362
nW
BU46L364
3.5V
cC
BU46K352
fA
BU46K354
hX
BU46L352
nT
BU45L354
3.4V
cB
BU46K342
eY
BU46K344
hW
BU46L342
nS
BU46L344
3.3V
cA
BU46K332
eX
BU46K334
hT
BU46L332
nR
BU46L334
3.2V
bY
BU46K322
eW
BU46K324
hS
BU46L322
nP
BU46L324
3.1V
bX
BU46K312
eT
BU46K314
hR
BU46L312
nN
BU46L314
3.0V
bW
BU46K302
eS
BU46K304
hP
BU46L302
nM
BU46L304
2.9V
bT
BU46K292
eR
BU46K294
hN
BU46L292
nK
BU46L294
2.8V
bS
BU46K282
eP
BU46K284
hM
BU46L282
nH
BU46L284
2.7V
bR
BU46K272
eN
BU46K274
hK
BU46L272
nG
BU46L274
2.6V
bP
BU46K262
eM
BU46K264
hH
BU46L262
nF
BU46L264
2.5V
bN
BU46K252
eK
BU46K254
hG
BU46L252
nE
BU46L254
2.4V
bM
BU46K242
eH
BU46K244
hF
BU46L242
nD
BU46L244
2.3V
bK
BU46K232
eG
BU46K234
hE
BU46L232
nC
BU46L234


Similar Part No. - BU45K272

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU4506 PHILIPS-BU4506 Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506 PHILIPS-BU4506 Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506AF PHILIPS-BU4506AF Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
logo
Inchange Semiconductor ...
BU4506AF ISC-BU4506AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4506AX PHILIPS-BU4506AX Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
More results

Similar Description - BU45K272

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com