Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TACR107M004TA Datasheet(PDF) 1 Page - AVX Corporation

Part # TACR107M004TA
Description  TACmicrochip짰 Standard Microchip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACR107M004TA Datasheet(HTML) 1 Page - AVX Corporation

  TACR107M004TA Datasheet HTML 1Page - AVX Corporation TACR107M004TA Datasheet HTML 2Page - AVX Corporation TACR107M004TA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TACmicrochip
®
Standard Microchip
• The world’s smallest surface mount tantalum capacitor
• CV range: 0.10-150μF / 2-25V
• 5 case sizes available
• Low profile options available
• Industrial and hi-rel medical applications
L
SLt
W
H
POLARITY BAND NOT TO
EXCEED CENTER LINE
TAC
Type
TACmicrochip®
L
Case Size
See table
above
226
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K=±10%
M=±20%
TA
Alternative
characters
may be used
for special
requirements
HOW TO ORDER
R
Packaging
R, P = 7" Standard Tin
Termination Plastic Tape
X, Q = 414" Standard Tin
Termination Plastic Tape
A = 7" Gold Termination
Plastic Tape
F = 414" Gold Termination
Plastic Tape
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 150 μF
Capacitance Tolerance:
±10%; ±20%
Leakage Current DCL:
0.01CV or 0.5μA whichever is the greater
Rated Voltage (VR)
+85°C:
2
3
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
1.3
2
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
2.7
3.9
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
1.7
2.6
3.2
5
8
12
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Termination Finish:
Nickel and Tin Plating (standard),
Nickel and Gold Plating option available upon request
TECHNICAL SPECIFICATIONS
004
Rated DC
Voltage
002=2Vdc
003=3Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
%
%
%
CASE DIMENSIONS: millimeters (inches)
Minimum
Code
EIA
EIA
Length (L)
Width (W)
Height (H)
Termination
Termination
Average
Code
Metric
Spacing(S)
Length (Lt)
Mass
A
1206 3216-18
3.20 ±0.20
1.60 ±0.20
1.60 ±0.20
1.80 min.
0.15
44.6mg
(0.126 ±0.008)
(0.063 ±0.008) (0.063 ±0.008)
(0.071 min.)
(0.006)
B
1210 3528-15
3.50
2.80
1.50 max.
2.00 min.
0.15 min.
90.0mg
(0.138
)
(0.110
)
K
0402 1005-07
1.00
0.50
0.50
0.40 min.
0.10
2.8mg
(0.039
)
(0.020
) (0.020
)
(0.016 min.)
(0.004)
L
0603 1608-10
1.60
0.85
0.85
0.55 min.
0.15
8.6mg
(0.063
)
(0.033
) (0.033
)
(0.022 min.)
(0.006)
R
0805 2012-15
2.00
1.35
1.35
0.70 min.
0.15
29.9mg
(0.079
)
(0.053
) (0.053
)
(0.027 min.)
(0.006)
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.20
-0.20
+0.008
-0.008
+0.20
-0.10
+0.008
-0.004
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.20
-0.00
+0.008
-0.000
+0.15
-0.00
+0.006
-0.000
+0.15
-0.00
+0.006
-0.000
+0.15
-0.00
+0.006
-0.000
+0.15
-0.00
+0.006
-0.000
11
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - TACR107M004TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACR107003TA AVX-TACR107003TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACR107004TA AVX-TACR107004TA Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
More results

Similar Description - TACR107M004TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACR105M025XTA AVX-TACR105M025XTA Datasheet
113Kb / 3P
   TACmicrochip짰 Standard Microchip
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
   Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
   Standard Microchip
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
   Standard Microchip
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
   Microchip CryptoAuthentication??Device
2017
logo
List of Unclassifed Man...
IN9004-1 ETC1-IN9004-1 Datasheet
410Kb / 14P
   INTEGRATED MICROCHIP MICRO-CONTROLLER
logo
Microchip Technology
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
   Free Microchip TCP/IP stack
10/19/04
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
logo
Murata Manufacturing Co...
DXW21BN7511TL MURATA-DXW21BN7511TL Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
DXW21B MURATA-DXW21B Datasheet
74Kb / 2P
   Microchip Transformer (Balun) Wire Wound Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com