Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU28SA4WGWL-E2 Datasheet(PDF) 10 Page - Rohm

Part # BU28SA4WGWL-E2
Description  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU28SA4WGWL-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BU28SA4WGWL-E2 Datasheet HTML 6Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 7Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 8Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 9Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 10Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 11Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 12Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 13Page - Rohm BU28SA4WGWL-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Datasheet
Datasheet
10/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
www.rohm.com
TSZ22111・15・001
BUxxSA4 series
●Reference data BU18SA4WGWL (Unless otherwise specified, Ta=25℃, Cin = Cout =1
μF.)
Figure 22. Load response
( Iout = 1mA → 150mA)
Figure 23. Load response
( Iout = 150mA → 1mA)
Figure 24. Line response
( Vin= 2.3V → 2.9V)
Figure 25. Line response
( Vin= 2.9V → 2.3V)
0
200
100
1.75
1.85
1.80
1.70
VOUT
50mV/div
100mA/div
2.0us/div
IOUT=1mA→150mA
VIN=2.8V
STBY=2.8V
Cout=1uF
50mV/div
2.0us/div
1.80
1.90
1.85
1.75
IOUT=150mA→1mA
100mA/div
VIN=2.8V
STBY=2.8V
Cout=1uF
0
200
100
VOUT
VIN=2.3V→2.9V
1.79
1.81
1.80
10mV/div
200mV/div
10us/div
2.3
2.7
2.5
2.9
STBY=2.3V→2.9V
Io=10mA
Cout=1uF
VIN=2.9V→2.3V
VOUT
200mV/div
10us/div
2.3
2.7
2.5
2.9
1.79
1.81
1.80
STBY=2.9V→2.3V
Io=10mA
Cout=1uF


Similar Part No. - BU28SA4WGWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU28SD2MG-MTR ROHM-BU28SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU28SA4WGWL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com