Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EP16VS Datasheet(PDF) 7 Page - Arizona Microtek, Inc

Part # AZ100EP16VS
Description  LVPECL Differential Receiver with Variable Output Swing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100EP16VS Datasheet(HTML) 7 Page - Arizona Microtek, Inc

Back Button AZ100EP16VS_12 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 7Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 8Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 9Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 10Page - Arizona Microtek, Inc AZ100EP16VS_12 Datasheet HTML 11Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Arizona Microtek, Inc.
AZ10/100EP16VS
ECL/PECL Differential Receiver
with Variable Output Swing
www.azmicrotek.com
+1-480-962-5881
7
Request a Sample
May 2012, Rev 2.0
Table 5 – 100K ECL DC Characteristics
100K ECL DC Characteristics (VEE = -3.0V to -3.6V, VCC = GND)
Symbol
Characteristic
-40 °C
0 °C
25 °C
85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage
1
-1130
-840
-1090
-840
-1090
-840
-1090
-840
mV
VOL
Output LOW Voltage
1,2
VCRTL = VREF. BOOST =VEE
-1950
-1700
-1950
-1700
-1950
-1700
-1950
-1700
mV
VOL
Output LOW Voltage
1,2
VCRTL = VCC. BOOST =VEE
-1200
-940
-1190
-940
-1190
-940
-1190
-940
mV
VOL
Output LOW Voltage
1,3
VCRTL = NC. BOOST =NC
-1900
-1640
-1890
-1640
-1890
-1640
-1890
-1640
mV
VREF
Reference Voltage
2
BOOST=VEE
-1650
-1450
-1650
-1450
-1650
-1550
-1450
-1650
-1450
mV
VREF
Reference Voltage
3
BOOST=NC
-1440
-1320
-1380
-1260
-1380
-1260
-1380
-1260
mV
IIH
Input HIGH Current - D
80
80
80
80
µA
VCTRL
400
0.5
400
0.5
400
0.5
400
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
20
26
35
21
27
36
22
28
38
25
31
41
mA
1
Each output is terminated through a 50
Ω resistor to V
CC -2V
2
BOOST is internally bonded to VEE for the MSOP8 packages
3
Supported in MLP16 package only


Similar Part No. - AZ100EP16VS_12

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EP16VSD AZM-AZ100EP16VSD Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ100EP16VST AZM-AZ100EP16VST Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
More results

Similar Description - AZ100EP16VS_12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ10EP16VS AZM-AZ10EP16VS Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com