Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKR05BX471M Datasheet(PDF) 7 Page - AVX Corporation

Part # CKR05BX471M
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR05BX471M Datasheet(HTML) 7 Page - AVX Corporation

Back Button CKR05BX471M Datasheet HTML 3Page - AVX Corporation CKR05BX471M Datasheet HTML 4Page - AVX Corporation CKR05BX471M Datasheet HTML 5Page - AVX Corporation CKR05BX471M Datasheet HTML 6Page - AVX Corporation CKR05BX471M Datasheet HTML 7Page - AVX Corporation CKR05BX471M Datasheet HTML 8Page - AVX Corporation CKR05BX471M Datasheet HTML 9Page - AVX Corporation CKR05BX471M Datasheet HTML 10Page - AVX Corporation CKR05BX471M Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
56
MIL-PRF-39014/Axial Leads
Military
Failure Rate Level (%/1,000 Hours)
Capacitance
Type
Capacitance
Tolerance
Designation
1.0 (M)
0.1 (P)
0.01 (R)
0.001 (S)
(pF)
±Percent
WVDC
CKR12 (BX)
CKR12BX562K_
2657
2857
2057
2257
5600
10
100
CKR12BX682K_
2658
2858
2058
2258
6800
10
100
CKR12BX682M_
2659
2859
2059
2259
6800
20
100
CKR12BX822K_
2660
2860
2060
2260
8200
10
100
CKR12BX103K_
2661
2861
2061
2261
10,000
10
100
CKR12BX103M_
2662
2862
2062
2262
10,000
20
100
CKR12BX123K_
2663
2863
2063
2263
12,000
10
50
CKR12BX153K_
2664
2864
2064
2264
15,000
10
50
CKR12BX153M_
2665
2865
2065
2265
15,000
20
50
CKR12BX183K_
2666
2866
2066
2266
18,000
10
50
CKR12BX223K_
2667
2867
2067
2267
22,000
10
50
CKR12BX223M_
2668
2868
2068
2268
22,000
20
50
CKR12BX273K_
2669
2869
2069
2269
27,000
10
50
CKR12BX333K_
2670
2870
2070
2270
33,000
10
50
CKR12BX333M_
2671
2871
2071
2271
33,000
20
50
CKR12BX393K_
2672
2872
2072
2272
39,000
10
50
CKR12BX473K_
2673
2873
2073
2273
47,000
10
50
CKR12BX473M_
2674
2874
2074
2274
47,000
20
50
CKR14 (BX)
CKR14BX123K_
2675
2875
2075
2275
12,000
10
100
CKR14BX153K_
2676
2876
2076
2276
15,000
10
100
CKR14BX153M_
2677
2877
2077
2277
15,000
20
100
CKR14BX183K_
2678
2878
2078
2278
18,000
10
100
CKR14BX223K_
2679
2879
2079
2279
22,000
10
100
CKR14BX223M_
2680
2880
2080
2280
22,000
20
100
CKR14BX273K_
2681
2881
2081
2281
27,000
10
100
CKR14BX333K_
2682
2882
2082
2282
33,000
10
100
CKR14BX333M_
2683
2883
2083
2283
33,000
20
100
CKR14BX393K_
2684
2884
2084
2284
39,000
10
100
CKR14BX473K_
2685
2885
2085
2285
47,000
10
100
CKR14BX473M_
2686
2886
2086
2286
47,000
20
100
CKR14BX563K_
2687
2887
2087
2287
56,000
10
50
CKR14BX683K_
2688
2888
2088
2288
68,000
10
50
CKR14BX683M_
2689
2889
2089
2289
68,000
20
50
CKR14BX823K_
2690
2890
2090
2290
82,000
10
50
CKR14BX104K_
2691
2891
2091
2291
100,000
10
50
CKR14BX104M_
2692
2892
2092
2292
100,000
20
50
CKR14 (BR)
CKR14BR563K_
2693
2893
2093
2293
56,000
10
100
CKR14BR683K_
2694
2894
2094
2294
68,000
10
100
CKR14BR683M_
2695
2895
2095
2295
68,000
20
100
CKR14BR823K_
2696
2896
2096
2296
82,000
10
100
CKR14BR104K_
2697
2897
2097
2297
100,000
10
100
CKR14BR104M_
2698
2898
2098
2298
100,000
20
100
CKR14BR124K_
2699
2899
2099
2299
120,000
10
50
CKR14BR154K_
2700
2900
2100
2300
150,000
10
50
CKR14BR154M_
2701
2901
2101
2301
150,000
20
50
CKR14BR184K_
2702
2902
2102
2302
180,000
10
50
CKR14BR224K_
2703
2903
2103
2303
220,000
10
50
CKR14BR224M_
2704
2904
2104
2304
220,000
20
50
CKR14BR274K_
2705
2905
2105
2305
270,000
10
50
CKR15 (BX)
CKR15BX563K_
2706
2906
2106
2306
56,000
10
100
CKR15BX683K_
2707
2907
2107
2307
68,000
10
100
CKR15BX683M_
2708
2908
2108
2308
68,000
20
100
CKR15BX823K_
2709
2909
2109
2309
82,000
10
100
CKR15BX104K_
2710
2910
2110
2310
100,000
10
100
CKR15BX104M_
2711
2911
2111
2311
100,000
20
100
Add appropriate failure rate level letter (M, P, R or S)
MILITARY DASH NUMBER IDENTIFICATION CKR12/14/15 TO MIL-PRF-39014/05
(Dash Number From Table)


Similar Part No. - CKR05BX471M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CKR05BX471KR KEMET-CKR05BX471KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 470 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
More results

Similar Description - CKR05BX471M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com