Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKR05BX270K Datasheet(PDF) 10 Page - AVX Corporation

Part # CKR05BX270K
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR05BX270K Datasheet(HTML) 10 Page - AVX Corporation

Back Button CKR05BX270K Datasheet HTML 6Page - AVX Corporation CKR05BX270K Datasheet HTML 7Page - AVX Corporation CKR05BX270K Datasheet HTML 8Page - AVX Corporation CKR05BX270K Datasheet HTML 9Page - AVX Corporation CKR05BX270K Datasheet HTML 10Page - AVX Corporation CKR05BX270K Datasheet HTML 11Page - AVX Corporation CKR05BX270K Datasheet HTML 12Page - AVX Corporation CKR05BX270K Datasheet HTML 13Page - AVX Corporation CKR05BX270K Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
59
MIL-PRF-39014/2Pin DIP
Military
Failure Rate Level (%/1,000 Hours)
Type
Standard Lead Length
Optional Longer Lead Length
Capacitance
Capacitance
Designation
1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S) 1.0 (M)
0.1 (P)
0.01 (R) 0.001 (S)
(pF)
Tolerance
WVDC
Style CKR22, Voltage-temperature limits of 0 ± 60 ppm/°C.
CKR22CH1R0D_
0001
0301
0601
0901
3001
3301
3601
3901
1.0
D
200
CKR22CH1R2D_
0004
0304
0604
0904
3004
3304
3604
3904
1.2
D
CKR22CH1R5D_
0007
0307
0607
0907
3007
3307
3607
3907
1.5
D
CKR22CH1R8D_
0010
0310
0610
0910
3010
3310
3610
3910
1.8
D
CKR22CH2R2D_
0013
0313
0613
0913
3013
3313
3613
3913
2.2
D
CKR22CH2R7D_
0016
0316
0616
0916
3016
3316
3616
3916
2.7
D
CKR22CH3R3D_
0019
0319
0619
0919
3019
3319
3619
3919
3.3
D
CKR22CH3R9D_
0022
0322
0622
0922
3022
3322
3622
3922
3.9
D
CKR22CH4R7D_
0025
0325
0625
0925
3025
3325
3625
3925
4.7
D
CKR22CH5R6D_
0028
0328
0628
0928
3028
3328
3628
3928
5.6
D
CKR22CH6R8D_
0031
0331
0631
0931
3031
3331
3631
3931
6.8
D
CKR22CH8R2D_
0034
0334
0634
0934
3034
3334
3634
3934
8.2
D
CKR22CH100D_
0037
0337
0637
0937
3037
3337
3637
3937
10
D
CKR22CH100J_
0038
0338
0638
0938
3038
3338
3638
3938
10
J
CKR22CH100K_
0039
0339
0639
0939
3039
3339
3639
3939
10
K
CKR22CH120D_
0040
0340
0640
0940
3040
3340
3640
3940
12
D
CKR22CH120J_
0041
0341
0641
0941
3041
3341
3641
3941
12
J
CKR22CH120K_
0042
0342
0642
0942
3042
3342
3642
3942
12
K
CKR22CH150D_
0043
0343
0643
0943
3043
3343
3643
3943
15
D
CKR22CH150J_
0044
0344
0644
0944
3044
3344
3644
3944
15
J
CKR22CH150K_
0045
0345
0645
0945
3045
3345
3645
3945
15
K
CKR22CH180D_
0046
0346
0646
0946
3046
3346
3646
3946
18
D
CKR22CH180J_
0047
0347
0647
0947
3047
3347
3647
3947
18
J
CKR22CH180K_
0048
0348
0648
0948
3048
3348
3648
3948
18
K
200
Style CKR22, Voltage-temperature limits of ±30 ppm/°C,
CKR22CG220D_
0049
0349
0649
0949
3049
3349
3649
3949
22
D
200
CKR22CG220J_
0050
0350
0650
0950
3050
3350
3650
3950
22
J
CKR22CG220K_
0051
0351
0651
0951
3051
3351
3651
3951
22
K
CKR22CG270D_
0052
0352
0652
0952
3052
3352
3652
3952
27
D
CKR22CG270J_
0053
0353
0653
0953
3053
3353
3653
3953
27
J
CKR22CG270K_
0054
0354
0654
0954
3054
3354
3654
3954
27
K
CKR22CG330D_
0055
0355
0655
0955
3055
3355
3655
3955
33
D
CKR22CG330J_
0056
0356
0656
0956
3056
3356
3656
3956
33
J
CKR22CG330K_
0057
0357
0657
0957
3057
3357
3657
3957
33
K
CKR22CG390D_
0058
0358
0658
0958
3058
3358
3658
3958
39
D
CKR22CG390J_
0059
0359
0659
0959
3059
3359
3659
3959
39
J
CKR22CG390K_
0060
0360
0660
0960
3060
3360
3660
3960
39
K
CKR22CG470D_
0061
0361
0661
0961
3061
3361
3661
3961
47
D
CKR22CG470J_
0062
0362
0662
0962
3062
3362
3662
3962
47
J
CKR22CG470K_
0063
0363
0663
0963
3063
3363
3663
3963
47
K
CKR22CG560D_
0064
0364
0664
0964
3064
3364
3664
3964
56
D
CKR22CG560J_
0065
0365
0665
0965
3065
3365
3665
3965
56
J
CKR22CG560K_
0066
0366
0666
0966
3066
3366
3666
3966
56
K
CKR22CG680F_
0067
0367
0667
0967
3067
3367
3667
3967
68
F
CKR22CG680J_
0068
0368
0668
0968
3068
3368
3668
3968
68
J
CKR22CG680K_
0069
0369
0669
0969
3069
3369
3669
3969
68
K
CKR22CG820F_
0070
0370
0670
0970
3070
3370
3670
3970
82
F
CKR22CG820J_
0071
0371
0671
0971
3071
3371
3671
3971
82
J
CKR22CG820K_
0072
0372
0672
0972
3072
3372
3672
3972
82
K
CKR22CG101F_
0073
0373
0673
0973
3073
3373
3673
3973
100
F
CKR22CG101J_
0074
0374
0674
0974
3074
3374
3674
3974
100
J
CKR22CG101K_
0075
0375
0675
0975
3075
3375
3675
3975
100
K
CKR22CG121F_
0076
0376
0676
0976
3076
3376
3676
3976
120
F
CKR22CG121J_
0077
0377
0677
0977
3077
3377
3677
3977
120
J
CKR22CG121K_
0078
0378
0678
0978
3078
3378
3678
3978
120
K
CKR22CG151F_
0079
0379
0679
0979
3079
3379
3679
3979
150
F
CKR22CG151J_
0080
0380
0680
0980
3080
3380
3680
3980
150
J
CKR22CG151K_
0081
0381
0681
0981
3081
3381
3681
3981
150
K
CKR22CG181F_
0082
0382
0682
0982
3082
3382
3682
3982
180
F
CKR22CG181J_
0083
0383
0683
0983
3083
3383
3683
3983
180
J
CKR22CG181K_
0084
0384
0684
0984
3084
3384
3684
3984
180
K
CKR22CG221F_
0085
0385
0685
0985
3085
3385
3685
3985
220
F
CKR22CG221J_
0086
0386
0686
0986
3086
3386
3686
3986
220
J
CKR22CG221K_
0087
0387
0687
0987
3087
3387
3687
3987
220
K
CKR22CG271F_
0088
0388
0688
0988
3088
3388
3688
3988
270
F
CKR22CG271J_
0089
0389
0689
0989
3089
3389
3689
3989
270
J
200
Add appropriate failure rate level letter (M, P, R or S)
MILITARY DASH NUMBER IDENTIFICATION CKR22 TO MIL-PRF-39014/22
(Dash Number From Table)


Similar Part No. - CKR05BX270K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CKR05BX222KR KEMET-CKR05BX222KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 2200 pF, 10%, 100 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX223KR KEMET-CKR05BX223KR Datasheet
63Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 0.022 uF, 10%, 50 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
More results

Similar Description - CKR05BX270K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com