Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-12-497 Datasheet(PDF) 1 Page - FCI connector

Part # GS-12-497
Description  SD CARD CONNECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-497 Datasheet(HTML) 1 Page - FCI connector

  GS-12-497 Datasheet HTML 1Page - FCI connector GS-12-497 Datasheet HTML 2Page - FCI connector GS-12-497 Datasheet HTML 3Page - FCI connector GS-12-497 Datasheet HTML 4Page - FCI connector GS-12-497 Datasheet HTML 5Page - FCI connector GS-12-497 Datasheet HTML 6Page - FCI connector GS-12-497 Datasheet HTML 7Page - FCI connector GS-12-497 Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NUMBER
GS-12-497
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
1 of 8
G
AUTHORIZED BY
DATE
SD CARD CONNECTOR
Bill Lin
12/26/09
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
1.0 OBJECTIVE
This specification defines the performance test and quality requirements of SD card
reader connector with push-push type.
2.0 SCOPE
This product specification is applied for SD card reader connector, which provides the
interconnection between PCB to card.
3.0 GENERNAL REQUIREMENTS
3.1 Drawing : 10067847
3.2 Operation and Storage:
3.2.1 Current Rating: 0.5A.
3.2.2 Voltage Rating : 17V
3.2.3 Operating temperature : -40
to 105
3.2.4 Storage temperature: -40
to 105
3.3 Material :
3.3.1
Housing: LCP, GF30, UL94V-0, color: black.
3.3.2
SD Contact: Phosphor Bronze.
3.3.3
WP Contact: Copper Alloy.
3.3.4 CD Contact: Copper Alloy.
3.3.5 Shield : Stainless
3.3.6
Slider Cam: PA9T or LCP
3.3.7 Locking Arm: Stainless
3.3.8 Positioning Pin :Stainless
3.3.9 Spring: SWP-B
3.4 Finish:
3.4.1 SD/CD/WP Contact:(a) Contact area: Au plated (or equivalent palladium nickel)
PDM: Rev:G
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - GS-12-497

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-452 FCI-CONNECTOR-GS-12-452 Datasheet
305Kb / 13P
   ZipLine Connector System
More results

Similar Description - GS-12-497

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
   micro SD Card Connector
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
   Connector for SD Memory Card
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Wurth Elektronik GmbH &...
693071030811 WURTH-693071030811 Datasheet
583Kb / 8P
   WR-CRD Micro SD Card Connector
001.005
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
Wurth Elektronik GmbH &...
693071010811 WURTH-693071010811 Datasheet
507Kb / 8P
   WR-CRD Micro SD Card Connector
001.002
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
   SD Card Receptacle
logo
Wurth Elektronik GmbH &...
693071020811 WURTH-693071020811 Datasheet
697Kb / 8P
   WR-CRD Micro SD Card Connector
002.000
logo
List of Unclassifed Man...
SDSDAA-008G ETC2-SDSDAA-008G Datasheet
567Kb / 22P
   SanDisk SD Card
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com