Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKR04BX150M Datasheet(PDF) 5 Page - AVX Corporation

Part # CKR04BX150M
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CKR04BX150M Datasheet(HTML) 5 Page - AVX Corporation

  CKR04BX150M Datasheet HTML 1Page - AVX Corporation CKR04BX150M Datasheet HTML 2Page - AVX Corporation CKR04BX150M Datasheet HTML 3Page - AVX Corporation CKR04BX150M Datasheet HTML 4Page - AVX Corporation CKR04BX150M Datasheet HTML 5Page - AVX Corporation CKR04BX150M Datasheet HTML 6Page - AVX Corporation CKR04BX150M Datasheet HTML 7Page - AVX Corporation CKR04BX150M Datasheet HTML 8Page - AVX Corporation CKR04BX150M Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
54
MIL-PRF-39014/Axial Leads
Per Mil
Spec
Case Size
Length
Diameter
Lead Diameter
MIL-PRF-39014
(L)
(D)
(L.D.)
CKR11
4.07±.25
2.29±.25
.48±.05
(.160±.010)
(.090±.010)
(.019±.002)
CKR12
6.35±.25
2.29±.25
.48±.05
(.250±.010)
(.090±.010)
(.019±.002)
CKR14
9.91±.25
3.56±.25
.63±.025
(.390±.010)
(.140±.010)
(.025±.002)
CKR15
12.7±.51
6.35±.38
.63±.05
(.500±.020)
(.250±.015)
(.025±.002)
CKR16
17.53±.51
8.89±.51
.63±.05
(.690±.020)
(.350±.020)
(.025±.002)
L
1.25
MIN.
L.D.
D
Failure Rate Level
Will Replace
Failure Rate Level
S (STD) (X-ray)
R, P, M, L
R (STD) (No X-ray)
P, M, L
P
M,L
ML
HOW TO ORDER
Military Type Designation: Styles CKR11, CKR12, CKR14, CKR15, CKR16
Dash Number Option: MIL-PRF-39014/05 (Add Appropriate Dash Number)
CKR11
Style
CK = General purpose,
ceramic dielectric,
fixed capacitors
R = Established
Reliability parts
11 = Remaining two
numbers identify
shape and
dimension
BX
Voltage-
Temperature Limits
First letter identifies
temperature range.
B = -55ºC to +125ºC
Second letter identifies
voltage-temperature coefficient.
103
Capacitance
First two digits are the significant
figures of capacitance. Third digit
indicates the additional number
of zeros. For example, order
10,000 pF as 103.
K
Capacitance
Tolerance
K = ±10%
M = ±20%
S
Military
Failure Rate
M = 1% per 1000 hours
P = 0.1% per 1000 hours
R = 0.01% per 1000 hours
S = 0.001% per 1000 hours
Note:
AVX reserves the right to substi-
tute a lower failure rate part per
MIL-PRF-39014/5E.
Substitutability for failure rate
levels shall be as follows:
Capacitance Change
with Reference to 25°C
Second
No
Rated
Letter
Voltage
Voltage
R
+15, -15% +15, -40%
X
+15, -15% +15, -25%
PACKAGING REQUIREMENTS
Packaging: Bulk
CKR11, 12, & 14
100 pcs per bag
CKR15 & 16
50 pcs per bag
Tape & Reel
CKR11, 12
5000 pcs per reel
CKR14
3000 pcs per reel
CKR15
950 pcs per reel
CKR16
650 pcs per reel
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Not RoHS Compliant


Similar Part No. - CKR04BX150M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CKR05BX100K AVX-CKR05BX100K Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX100M AVX-CKR05BX100M Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX101K AVX-CKR05BX101K Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
CKR05BX101KR KEMET-CKR05BX101KR Datasheet
62Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 100 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX101KS KEMET-CKR05BX101KS Datasheet
62Kb / 1P
   Ceramic, Military/High Reliability, MIL-39014, 100 pF, 10%, 200 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
More results

Similar Description - CKR04BX150M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com