Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46R16160B-6BLA1 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS46R16160B-6BLA1
Description  32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R16160B-6BLA1 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS46R16160B-6BLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R16160B-6BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
Integrated Silicon Solution, Inc.
Rev. E
08/13/2010
IS43R83200B, IS46R83200B
IS43R16160B, IS46R16160B
PIN FUNCTION
CLK, /CLK
Input
Clock: CLK and /CLK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of CLK and
negative edge of /CLK. Output (read) data is referenced to the crossings of
CLK and /CLK (both directions of crossing).
CKE
Input
Clock Enable: CKE controls internal clock. When CKE is low, internal clock
for the following cycle is ceased. CKE is also used to select auto / self refresh.
After self refresh mode is started, CKE becomes asynchronous input. Self refresh
is maintained as long as CKE is low.
/CS
Input
Chip Select: When /CS is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-12
Input
A0-12 specify the Row / Column Address in conjunction with BA0,1. The
Row Address is specified by A0-12. The Column Address is specified by
A0-9(x8) and A0-8(x16). A10 is also used to indicate precharge
option. When A10 is high at a read / write command, an auto precharge is
performed. When A10 is high at a precharge command, all banks are
precharged.
BA0,1
Input
DQ0-7 (x8),
DQ0-15 (x16),
Input / Output
DQS (x8)
VDD,
VDDQ,
VDDQ, and
VSS
Power Supply
Power Supply for the memory array and peripheral circuitry.
VSSQ
Power Supply
VSSQ are supplied to the Output Buffers only.
Bank Address: BA0,1 specifies one of four banks to which a command is
applied. BA0,1 must be set with ACT, PRE, READ, WRITE commands.
Data Input/Output: Data bus
Data Strobe: Output with read data, input with write data. Edge-aligned
with read data, centered in write data. Used to capture write data.
For the x16, LDQS corresponds to the data on DQ0-DQ7; UDQS
correspond to the data on DQ8-DQ15
SYMBOL
TYPE
DESCRIPTION
DM (x8)
Input
Input Data Mask: DM is an input mask signal for write data. Input data
is masked when DM is sampled HIGH along with that input data
during a WRITE access. DM is sampled on both edges of DQS.
Although DM pins are input only, the DM loading matches the DQ
and DQS loading. For the x16, LDM corresponds to the data on DQ0-DQ7;
UDM corresponds to the data on DQ8-DQ15.
Input / Output
Vref
Input
SSTL_2 reference voltage.
UDQS, LDQS (x16)
UDM, LDM (x16)


Similar Part No. - IS46R16160B-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R16160D-5BLA1 ISSI-IS46R16160D-5BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-5TLA1 ISSI-IS46R16160D-5TLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-6BLA1 ISSI-IS46R16160D-6BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-6BLA2 ISSI-IS46R16160D-6BLA2 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-6TLA1 ISSI-IS46R16160D-6TLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
More results

Similar Description - IS46R16160B-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200D ISSI-IS43R83200D Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS43DR83200A ISSI-IS43DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
46DR83200A ISSI-46DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
logo
NanoAmp Solutions, Inc.
NT5DS64M4CT NANOAMP-NT5DS64M4CT Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com