Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64WV10248BLL-10TA3 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS64WV10248BLL-10TA3
Description  1M x 8 HIGH-SPEED CMOS STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV10248BLL-10TA3 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS64WV10248BLL-10TA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV10248BLL-10TA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. B
06/03/08
IS61WV10248ALL
IS61WV10248BLL
IS64WV10248BLL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8
-10
-20
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
110
95
90
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
120
100
100
Auto.
140
140
typ.(2)
60
ICC1
Operating
VDD = Max.,
Com.
30
30
30
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
35
35
35
Auto.
60
70
ISB1
TTL Standby Current
VDD = Max.,
Com.
30
30
30
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
35
35
35
CE
≥ VIH, f = 0
Auto.
70
70
ISB2
CMOS Standby
VDD = Max.,
Com.
20
20
15
mA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
25
25
20
VIN
≥ VDD – 0.2V, or
Auto.
70
70
VIN
≤ 0.2V, f = 0
typ.(2)
4
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested.


Similar Part No. - IS64WV10248BLL-10TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV10248EDBLL ISSI-IS64WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
More results

Similar Description - IS64WV10248BLL-10TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV10248 ISSI-IS61LV10248 Datasheet
116Kb / 16P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
Sharp Corporation
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
   CMOS 1M (128K x 8) Pseudo-Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com