Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62WV102416ALL-35MLI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS62WV102416ALL-35MLI
Description  1M x 16 HIGH-SPEED LOW POWER ASYNCHRONOUS CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62WV102416ALL-35MLI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS62WV102416ALL-35MLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62WV102416ALL-35MLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. A
01/18/08
IS62WV102416ALL
IS62WV102416BLL
IS65WV102416BLL
AC TEST LOADS
Figure 1.
319
Ω
5 pF
Including
jig and
scope
353
Ω
OUTPUT
3.3V
Figure 2.
ZO = 50
Ω
1.5V
50
Ω
OUTPUT
30 pF
Including
jig and
scope
AC TEST CONDITIONS (HIGH SPEED)
Parameter
Unit
Unit
(2.4V-3.6V)
(1.65V-2.2V)
Input Pulse Level
0.4V to VDD-0.3V
0.4V to VDD-0.2V
Input Rise and Fall Times
1.5ns
1.5ns
Input and Output Timing
VDD/2
VDD/2
and Reference Level (VRef)
Output Load
See Figures 1 and 2
See Figures 1 and 2


Similar Part No. - IS62WV102416ALL-35MLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV102416DALL ISSI-IS62WV102416DALL Datasheet
1,004Kb / 15P
   Industrial and Automotive temperature support
IS62WV102416DBLL ISSI-IS62WV102416DBLL Datasheet
1,004Kb / 15P
   Industrial and Automotive temperature support
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV102416EBLL ISSI-IS62WV102416EBLL Datasheet
1Mb / 15P
   TTL compatible interface levels
More results

Similar Description - IS62WV102416ALL-35MLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com