Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM802149 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SM802149
Description  156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802149 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SM802149 Datasheet HTML 3Page - Micrel Semiconductor SM802149 Datasheet HTML 4Page - Micrel Semiconductor SM802149 Datasheet HTML 5Page - Micrel Semiconductor SM802149 Datasheet HTML 6Page - Micrel Semiconductor SM802149 Datasheet HTML 7Page - Micrel Semiconductor SM802149 Datasheet HTML 8Page - Micrel Semiconductor SM802149 Datasheet HTML 9Page - Micrel Semiconductor SM802149 Datasheet HTML 10Page - Micrel Semiconductor SM802149 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Micrel, Inc.
SM802149
March 1, 2013
11
Revision 1.1
hbwhelp@micrel.com or (408) 955-1690
Package Information
(9)
44-pin 7mm
× 7mm QFN package
Note:
9.
Package information is correct as of the publication date. For updates and most current information, go to www.micrel.com.
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This
information is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry,
specifications and descriptions at any time without notice. No license, whether express, implied, arising by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Micrel’s terms and conditions of sale for such products, Micrel assumes no liability
whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product
can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical
implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A
Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully
indemnify Micrel for any damages resulting from such use or sale.
© 2013 Micrel, Incorporated.


Similar Part No. - SM802149

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802141UMG MICREL-SM802141UMG Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802141UMGTR MICREL-SM802141UMGTR Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
More results

Similar Description - SM802149

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
841S104I-02 RENESAS-841S104I-02 Datasheet
514Kb / 21P
   Crystal-to-HCSL 156.25MHz or 155.52MHz Clock Synthesizer
8/14/15
logo
Micrel Semiconductor
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
   ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
logo
Microchip Technology
MX553BBB156M250 MICROCHIP-MX553BBB156M250 Datasheet
1Mb / 4P
   Ultra-Low Jitter 156.25MHz LVDS XO
December 05, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
   3.3V PECL 156.25MHz Ethernet VCXO
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
logo
Fox Electronics
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com