Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF300YC6 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF300YC6
Description  100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF300YC6 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MICRF300YC6 Datasheet HTML 1Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 2Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 3Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 4Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 5Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 6Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 7Page - Micrel Semiconductor MICRF300YC6 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micrel, Inc.
MICRF300
April 2012
6
M9999-041712-B
Typical Characteristics (Continued)
Noise Figure Distribution
fRF = 433.92MHz
0
2
4
6
8
10
12
14
to
1.1
1.1
5
to
1.2
1.2
5
to
1.3
1.0
5
1.1
to
1.1
5
1.2
to
1.2
5
NOISE FIGURE (dB)


Similar Part No. - MICRF300YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
245Kb / 8P
   100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
More results

Similar Description - MICRF300YC6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF300 MICREL-MICRF300 Datasheet
245Kb / 8P
   100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
RF6886 RFMD-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
   50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
F0109 RENESAS-F0109 Datasheet
1Mb / 17P
   Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
Jan 13, 2022
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2649 MAXIM-MAX2649 Datasheet
154Kb / 7P
   5GHz Low-Noise Amplifier with Shutdown
Rev 1; 8/03
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
PhaseLink Corporation
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
   Low Phase Noise VCXO (48MHz to 100MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com