Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC24420 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. MIC24420
Description  2.5A Dual Output PWM Synchronous Buck Regulator IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24420 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC24420 Datasheet HTML 1Page - Micrel Semiconductor MIC24420 Datasheet HTML 2Page - Micrel Semiconductor MIC24420 Datasheet HTML 3Page - Micrel Semiconductor MIC24420 Datasheet HTML 4Page - Micrel Semiconductor MIC24420 Datasheet HTML 5Page - Micrel Semiconductor MIC24420 Datasheet HTML 6Page - Micrel Semiconductor MIC24420 Datasheet HTML 7Page - Micrel Semiconductor MIC24420 Datasheet HTML 8Page - Micrel Semiconductor MIC24420 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Micrel, Inc.
MIC24420/MIC24421
June 2012
4
M9999-062012-C
Absolute Maximum Ratings
(1)
VIN to PGND .................................................... –0.3V to 16V
VIND1, VIND2 to PGND........................................ –0.3V to 16V
VDD to PGND ..................................................... –0.3V to 6V
VSW1, VSW2 to PGND ............................ –0.7V to (VIN + 0.3V)
VCS1, VCS2 to PGND ............................. –0.7V to (VIN + 0.3V)
VBST1 to VSW1, VBST2 to VSW2............................... –0.3V to 6V
VBST1, VBST2 to PGND................................. –0.3V to VSW+6V
VEN/DLY, VCOMP, VFB, VPG to PGND ....–0.7V to (VAVDD + 0.3V)
PGND1, PGND2 to AGND ........................... –0.3V to +0.3V
Junction Temperature ................................................ 150°C
Storage Temperature ...............................–65
°C to +150°C
Lead Temperature (soldering, 10 sec.)...................... 260°C
ESD Rating
(3) ................................................ ESD Sensitive
Operating Ratings
(2)
Supply Voltage (VIN)...................................... +4.5V to +15V
Output Voltage Range (VOUT)……………......0.7V to 0.7*VIN
Maximum Output Current (IOUT)…………….. ................2.5A
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
4mmx4mm MLF-24L (
θJC) .................................14°C/W
4mmx4mm MLF-24L (
θJA) .................................35°C/W
Electrical Characteristics
(4)
VIN = 12V; VEN=5V; VOUT=1.8V; ILOAD=10mA; TA = 25°C, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Power Input Supply
Input Voltage Range (VIN)
4.5
15
V
Quiescent Supply Current
VFB = 0.8V, IOUT = 0A; Both outputs not switching
2.6
7
mA
Shutdown Current
VEN1 = VEN2 = 0V
25
50
µA
VIN UVLO Turn-On Threshold
VIN Rising, VDD = VIN
3.6
4.1
4.45
V
VIN UVLO Hysteresis
VDD = VIN
400
mV
VDD Supply
Internal Bias Voltages AVDD
VFB = 0.8V, IAVDD = 50mA
4.7
5.1
5.45
V
Reference (Each Channel)
Feedback Reference Voltage
686
700
714
mV
FB Bias Current
VFB = 0.7V
5
nA
FB Line Regulation
VIN = 6V to 15V, IOU T = 10mA
0.005
%/V
Output Voltage Line Regulation
VIN = 6V to 15V , VOUT = 1.8V, IOU T = 1A; each channel
0.005
%/V
Output Voltage Load Regulation
VOUT = 1.8V, IOU T = 0A to 2A; each channel
0.15
%
Output Voltage Total Regulation
VIN = 6V to 15V , IOU T = 0.25A to 2A, VOUT = 1.8V ; each
channel
0.1
%
External Current Sense, Adjustable
Current Limit Trip Point Current
Sourcing current
175
200
225
µA
Current Limit Temperature
Coefficient
TJ = -40°C to 125°C
750
ppm/°C
Current Limit Comparator Offset
-20
0
10
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn