Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC24420 Datasheet(PDF) 27 Page - Micrel Semiconductor

Part No. MIC24420
Description  2.5A Dual Output PWM Synchronous Buck Regulator IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24420 Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC24420 Datasheet HTML 23Page - Micrel Semiconductor MIC24420 Datasheet HTML 24Page - Micrel Semiconductor MIC24420 Datasheet HTML 25Page - Micrel Semiconductor MIC24420 Datasheet HTML 26Page - Micrel Semiconductor MIC24420 Datasheet HTML 27Page - Micrel Semiconductor MIC24420 Datasheet HTML 28Page - Micrel Semiconductor MIC24420 Datasheet HTML 29Page - Micrel Semiconductor MIC24420 Datasheet HTML 30Page - Micrel Semiconductor MIC24420 Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Micrel, Inc.
MIC24420/MIC24421
June 2012
27
M9999-062012-C
3.
Vishay: www.vishay.com
4.
Diodes Inc.: www.diodes.com
5.
Cooper Magnetics: www.cooperet.com
6.
Fairchild Semiconductor: www.fairchildsemi.com
7.
Micrel, Inc.: www.micrel.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn