Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC24420 Datasheet(PDF) 26 Page - Micrel Semiconductor

Part No. MIC24420
Description  2.5A Dual Output PWM Synchronous Buck Regulator IC
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24420 Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MIC24420 Datasheet HTML 22Page - Micrel Semiconductor MIC24420 Datasheet HTML 23Page - Micrel Semiconductor MIC24420 Datasheet HTML 24Page - Micrel Semiconductor MIC24420 Datasheet HTML 25Page - Micrel Semiconductor MIC24420 Datasheet HTML 26Page - Micrel Semiconductor MIC24420 Datasheet HTML 27Page - Micrel Semiconductor MIC24420 Datasheet HTML 28Page - Micrel Semiconductor MIC24420 Datasheet HTML 29Page - Micrel Semiconductor MIC24420 Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Micrel, Inc.
MIC24420/MIC24421
June 2012
26
M9999-062012-C
MIC24420 Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2, C13
GRM32ER61E226KE15
12103D226MAT2A
Murata
(1)
AVX
(2)
Ceramic Capacitor, 22µF, 25V, X5R
3
C4, C10, C16, C17
06033D103MAT2A
AVX
Ceramic Capacitor, 10nF, 25V
4
C5
GRM21BR70J225KA01
08056D225MAT2A
Murata
AVX
Ceramic Capacitor, 2.2µF, 6.3V
1
C7
VJ0603Y151KXXMB
Vishay
(3)
Ceramic Capacitor, 150pF, 50V, X7R
1
C8
VJ0603Y221KXXMB
Vishay
Ceramic Capacitor, 220pF, 50V, X7R
1
C11, C14
GRM31CR60J476ME19
12066D476MAT2A
Murata
AVX
Ceramic Capacitor, 47µF, 6.3V, X5R
2
C12
06033D105MAT2A
AVX
Ceramic Capacitor, 1µF, 25V
1
C16, C17
VJ0603Y103KXXMB
Vishay
Ceramic Capacitor, 10nF, 50V, X7R
2
C18, C19
VJ0603Y471KXXMB
Vishay
Ceramic Capacitor, 470pF, 50V, X7R
2
C20
GRM188R60J475KE19
06036D475MAT2A
Murata
AVX
Ceramic Capacitor, 4.7µF, 6.3V
1
C21, C22
VJ0603Y820KXXMB
Vishay
Ceramic Capacitor, 82pF
2
C23
EEEFP1E151AP
Panasonic
150uF, 25V, AL.EL. (80m
Ω ESR)
1
C24, C25, C26, C27, C28
VJ0603Y104KXXMB
Vishay
Ceramic Capacitor, 100nF, 50V, X7R
4
C29, C30
Not Fitted
0
D1, D2
SD103BWS
Vishay
Schottky Diode, 100mA, 30V
2
D3, D4
B0530W
Diodes. Inc
(4)
Schottky Diode, 30V, 0.5A
2
L1, L2
DR74-10R-R
Cooper
(5)
Inductor, 10 µH, 2.5A
2
R1, R6
CRCW06031001FRT1
Vishay Dale
Resistor, 1k (0603 size), 1%
2
R2
CRCW06032740FRT1
Vishay Dale
Resistor, 274 (0603 size), 1%
1
R3, R8
CRCW06031002FRT1
Vishay Dale
Resistor, 10k (0603 size), 1%
2
R4, R5
CRCW06032490FRT1
Vishay Dale
Resistor, 249 (0603 size), 1%
2
R7
CRCW06031401FRT1
Vishay Dale
Resistor, 1.4k (0603 size), 1%
1
R9, R15
CRCW06030000FRT1
Vishay Dale
Resistor, 0Ω (0603 size)
2
R12, R13
CRCW06034992FRT1
Vishay Dale
Resistor, 49.9k (0603 size), 1%
2
R10, R11
CRCW06036040FRT1
Vishay Dale
Resistor, 60.4 (0603 size), 1%
2
R16, R17
CRCW06032210FRT1
Vishay Dale
Resistor, 22.1 (0603 size), 1%
2
R14
CRCW06031472FRT1
Vishay Dale
Resistor, 14.7k (0603 size), 1%
1
R18
CRCW060310R0FRT1
Vishay Dale
Resistor, 10 (0603 size), 1%
1
R19
CRCW06035761FRT1
Vishay Dale
Resistor, 5.76k (0603 size), 1%
1
R20, R21
CRCW080512R1FRT1
Vishay Dale
Resistor, 12.1Ω (0805 size), 1%
2
R22, R23
-
-
Not Fitter
0
Q1, Q2
FDC855N
Fairchild
(6)
MOSFET
2
Q3, Q4
BSS138
Fairchild
MOSFET
2
U1
MIC24420YML
Micrel, Inc.
(7)
2A Dual Output PWM Synchronous Buck
Regulator IC
1
Notes:
1.
Murata: www.murata.com
2.
AVX: www.avx.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn