Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC24420 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part No. MIC24420
Description  2.5A Dual Output PWM Synchronous Buck Regulator IC
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24420 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC24420 Datasheet HTML 18Page - Micrel Semiconductor MIC24420 Datasheet HTML 19Page - Micrel Semiconductor MIC24420 Datasheet HTML 20Page - Micrel Semiconductor MIC24420 Datasheet HTML 21Page - Micrel Semiconductor MIC24420 Datasheet HTML 22Page - Micrel Semiconductor MIC24420 Datasheet HTML 23Page - Micrel Semiconductor MIC24420 Datasheet HTML 24Page - Micrel Semiconductor MIC24420 Datasheet HTML 25Page - Micrel Semiconductor MIC24420 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Micrel, Inc.
MIC24420/MIC24421
June 2012
22
M9999-062012-C
The general form of the feedforward circuit is shown
below.
⎟⎟
⎜⎜
+
⎛ +
×
+
=
ωp3
s
1
ωz3
s
1
R2
R1
R2
H(s)
Where:
+
×
×
×
×
R2
R1
R2
R1
C1
π
2
=
×
×
×
=
1
fp3
C1
R1
π
2
1
fz3
H(s)
Gfilter(s)
Gmod
Gea(s)
T(s)
×
×
×
=
The total open loop transfer function is:
The following tables list the recommended values of
compensation and filter components for different output
voltages. The output capacitors are ceramic.
MIC24420
VOUT
R1
R2
C7/8
C16/17
R22/23
C29/30
LMIN
CoMIN
1.0V
1k
2.32k
220pF
3.3nF
NF
NF
10µH
47µF
1.2V
1k
1.4k
220pF
3.3nF
NF
NF
10µH
47µF
1.4V
1k
1k
220pF
3.3nF
NF
NF
10µH
47µF
1.8V
1k
634
150pF
4.7nF
NF
NF
10µH
47µF
2.5V
1k
383
150pF
10nF
NF
NF
10µH
47µF
3.3V
1k
274
150pF
10nF
NF
NF
10µH
47µF
5.0V
1k
162
150pF
10nF
NF
NF
10µH
47µF
MIC24421
VOUT
R1
R2
C7/8
C16/17
R22/23
C29/30
LMIN
CoMIN
1.0V
1k
2.32k
1000pF
22nF
22k
100nF
22µH
100µF
1.2V
1k
1.4k
1000pF
22nF
22k
100nF
22µH
100µF
1.4V
1k
1k
1000pF
22nF
22k
100nF
22µH
100µF
1.8V
1k
634
1000pF
22nF
22k
100nF
22µH
100µF
2.5V
1k
383
1000pF
22nF
22k
100nF
22µH
100µF
3.3V
1k
274
1000pF
22nF
22k
100nF
22µH
100µF
5.0V
1k
162
1000pF
22nF
22k
100nF
22µH
100µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn