Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC24420 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part No. MIC24420
Description  2.5A Dual Output PWM Synchronous Buck Regulator IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24420 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC24420 Datasheet HTML 16Page - Micrel Semiconductor MIC24420 Datasheet HTML 17Page - Micrel Semiconductor MIC24420 Datasheet HTML 18Page - Micrel Semiconductor MIC24420 Datasheet HTML 19Page - Micrel Semiconductor MIC24420 Datasheet HTML 20Page - Micrel Semiconductor MIC24420 Datasheet HTML 21Page - Micrel Semiconductor MIC24420 Datasheet HTML 22Page - Micrel Semiconductor MIC24420 Datasheet HTML 23Page - Micrel Semiconductor MIC24420 Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Micrel, Inc.
MIC24420/MIC24421
June 2012
20
M9999-062012-C
improves efficiency due to its lower forward voltage drop
as compared to the internal parasitic diode in the
MOSFET. It may also decrease high frequency noise
because the schottky diode junction does not suffer from
reverse recovery.
2
ωo
s
+
ωo
Q
s
+
1
ωz
s
+
1
=
Gfilter(s)
An external Schottky diode conducts at a lower forward
voltage preventing the body diode in the MOSFET from
turning on. The lower forward voltage drop dissipates
less power than the body diode. Depending on the circuit
components and operating conditions, an external
Schottky diode may give up to 1% improvement in
efficiency.
Where:
L
C
R
Q
L
C
1
ωo
R
C
1
ωz
O
O
O
ESR
O
=
=
=
Compensation
The voltage regulation, filter and power stage sections
are shown in Figure 12. The error amplifier regulates the
output voltage and compensates the voltage regulation
loop. It is a simplified type III compensator utilizing two
compensating zeros and two poles. Figure 12 also
shows the transfer function for each section.
The Modulator gain is proportional to the input voltage
and inversely proportional to the internal ramp voltage
generated by the oscillator. The peak-to-peak ramp
voltage is 1V.
Compensation is necessary to insure the control loop
has adequate bandwidth and phase margin to properly
respond to input voltage and output current transients.
High gain at DC and low frequencies is needed for
accurate output voltage regulation. Attenuation near the
switching frequency prevents switching frequency noise
from interfering with the control loop.
⎟⎟
⎜⎜
=
RAMP
IN
V
V
Gmod
The output voltage divider attenuates VOUT and feeds it
back to the error amplifier. The divider gain is:
OUT
REF
V
V
R4
R1
R4
H
=
+
=
The output filter contains a complex double pole formed
by the capacitor and inductor and a zero from the output
capacitor and its ESR. The transfer function of the filter
is:
Figure 12. Voltage Loop and Transfer Functions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn