Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP1210 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # NP1210
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP1210 Datasheet(HTML) 3 Page - YAGEO Corporation

  NP1210 Datasheet HTML 1Page - YAGEO Corporation NP1210 Datasheet HTML 2Page - YAGEO Corporation NP1210 Datasheet HTML 3Page - YAGEO Corporation NP1210 Datasheet HTML 4Page - YAGEO Corporation NP1210 Datasheet HTML 5Page - YAGEO Corporation NP1210 Datasheet HTML 6Page - YAGEO Corporation NP1210 Datasheet HTML 7Page - YAGEO Corporation NP1210 Datasheet HTML 8Page - YAGEO Corporation NP1210 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
3
23
Product specification
2 2 X X
X X
X
X
1
X
X X
Carrier type
22 = blister
38 = paper/PE
50 = blister (
≥ 1 KV)
54 = bulk
Voltage
60 = 100 V
93 = 200 V
83 = 250 V
97 = 500 V
98 = 630 V
Size
7 = 0402
6 = 0603
0 = 0805
1 = 1206
2 = 1210
3 = 1808
4 = 1812
Capacitance value(1)
Tolerance
4 =
±2%
5 =
±5%
TC material
1 = NP0
Packaging(3)
1 = reel:
∅180 mm; 7"
5 = reel:
∅330 mm; 13"
4 = bulk case
YNM0031
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
Ordering information for NP0 100 V to 630 V, C ≥ 10 pF
Ordering information for NP0 100 V to 630 V, C < 10 pF
2 2 X X X X X X X X X X
Carrier type
92 = paper/PE
97 = bulk case
Voltage
60 = 100 V
93 = 200 V
83 = 250 V
97 = 500 V
98 = 630 V
Size
7 = 0603
1 = 0805
3 = 1206
2 = 1210
4 = 1808
5 = 1812
Capacitance value(2)
Tolerance
4 =
±0.25 pF for 5 pF ≤ C < 10 pF
±2% for C ≥ 10 pF
5 =
±0.25 pF for C < 5 pF
±0.5 pF for 5 pF ≤ C < 10 pF
±5% for C ≥ 10 pF
YNM0032
Packaging(3)
1 = reel:
∅180 mm; 7"
7 = reel:
∅330 mm; 13"
4 = bulk case
(1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR NP0"
(2) Please refer to "Last 3-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR NP0"
(3) Quantity on reel depends on thickness classification; see table 14


Similar Part No. - NP1210

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
NP12-1A66-11000-210 MEDER-NP12-1A66-11000-210 Datasheet
92Kb / 1P
   NP Reed Relays
NP12-1A66-11000-210_DE MEDER-NP12-1A66-11000-210_DE Datasheet
92Kb / 1P
   (deutsch) NP Reed Relay
NP12-1A66-1300-210 MEDER-NP12-1A66-1300-210 Datasheet
92Kb / 1P
   NP Reed Relays
NP12-1A66-1300-210_DE MEDER-NP12-1A66-1300-210_DE Datasheet
92Kb / 1P
   (deutsch) NP Reed Relay
NP12-1A66-2500-210 MEDER-NP12-1A66-2500-210 Datasheet
92Kb / 1P
   NP Reed Relays
More results

Similar Description - NP1210

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com