Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1W-B7A04 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CJ1W-B7A04
Description  CJ1 Ordering Guide
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-B7A04 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CJ1W-B7A04 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 8Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 9Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 10Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 11Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 12Page - Omron Electronics LLC CJ1W-B7A04 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CJ1 Ordering Guide
B-126 Programmable Controller
CJ1
DeviceNet
DeviceNet Slaves (continued)
Item
Description/Specifications
Standards
Part number
Remote I/O Terminals with Transistors
d C
t
32 input points (NPN with + common)
CE
DRT1-ID32ML
/
and Connectors
32 input points (PNP with -- common)
DRT1-ID32ML-1
32 output points (NPN with -- common)
DRT1-OD32ML
32 output points (PNP with + common)
DRT1-OD32ML-1
32 input points (NPN with -- common)
32 output points (NPN with -- common)
DRT1-MD32ML
32 input points (PNP with + common)
32 output points (PNP with + common)
DRT1-MD32ML-1
Mounting Bracket B
---
SRT2-ATT02
Remote Adapters
16 input points (NPN with + common), prewired
connector
U, C, CE
DRT1-ID16X
16 input points (PNP with -- common), prewired
connector
DRT1-ID16X-1
16 output points (NPN with -- common), prewired
connector
DRT1-OD16X
16 output points (PNP with + common), prewired
connector
DRT1-OD16X-1
Flat Cable
Connectors with MIL
Straight DIP pins
XG4A-2031
Connectors with MIL
Plugs
L-shaped DIP pins
XG4A-2034
DeviceNet Fiber Amplifier Sensor
Communication Module
Connects to up to 16 Fiber Amplifier Modules for the
E3X-DA-N
E3X-DRT21
Fiber Amplifier Module
E3X-DA6-P
(Order the Fiber
Amplifier Module and
Reduced-wiring
Connector together.)
Reduced-wiring Connector
E3X-CN02
(Order the Fiber
Amplifier Module and
Reduced-wiring
Connector together.)
Terminal Unit
E39-TM1
Sensor Terminals
(f
2
i
S
)
8 sensor I/O points (NPN), 2 inputs per Sensor
DRT1-HD16S
(for 2-wire Senors)
8 sensor I/O points (PNP)
DRT1-ND16S
Cable Connectors
0.3 to 0.5 mm2
XS8A-0441
(Each package
contains 10
Connectors. Always
order in multiples
of 10.)
0.14 to 0.2 mm2
XS8A-0442
(Each package
contains 10
Connectors. Always
order in multiples
of 10.)
Water-resistant Terminals
4 input points (NPN with + common)
CE
DRT1-ID04CL
4 input points (PNP with -- common)
DRT1-ID04CL-1
4 output points (NPN with -- common)
DRT1-OD04CL
4 output points (PNP with + common)
DRT1-OD04CL-1
8 input points (NPN with + common)
DRT1-ID08CL
8 input points (PNP with -- common)
DRT1-ID08CL-1
8 output points (NPN with -- common)
DRT1-OD08CL
8 output points (PNP with + common)
DRT1-OD08CL-1
(This table continues on the next page.)


Similar Part No. - CJ1W-B7A04

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-B7A04 OMRON-CJ1W-B7A04 Datasheet
480Kb / 5P
   Reference Information
CJ1W-B7A04 OMRON-CJ1W-B7A04 Datasheet
1Mb / 34P
   Contact Displacement Sensors
More results

Similar Description - CJ1W-B7A04

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
CommScope Inc.
C195-QMQM-2M-AMBG COMMSCOPE-C195-QMQM-2M-AMBG Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Omron Electronics LLC
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
List of Unclassifed Man...
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com