Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1W-OD261 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CJ1W-OD261
Description  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-OD261 Datasheet(HTML) 8 Page - Omron Electronics LLC

  CJ1W-OD261 Datasheet HTML 1Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 2Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 3Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 4Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 5Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 6Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 7Page - Omron Electronics LLC CJ1W-OD261 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CX-One is the single programming and config-
uration software used to build and program
networks, PLCs, HMIs, motion control
systems, drives, temperature controllers and
sensors. It provides seamless communi-
cations between system components because
they all speak a common language. The
benefit of using a single software is reduced
complexity of configuration so it can be
completed with minimal training.
With CX-One software and one connection to
your machine, you can fully access all
settings, programs and configurations.
Upload and download all programs,
comments, settings, fieldbus configurations,
HMI and intelligent device configurations. You
can gain remote access to service your
complete machine, and reset and restart
operations from an HMI.
Accomplish more every minute with Omron’s
“drag-and-drop” functionality. It simplifies
control system configuration and HMI visuali-
zation so projects are completed in minutes
instead of days.
Our pre-built object libraries only require you
to add parameters to automatically establish
communications with Omron devices.
One Software
One Connection
One Minute
Programming and Diagnostic Software
Software name
Description
Quantity
Model
CX-One
Programming and configuration management software that
lets you build, configure and program networks, PLCs, HMIs,
motion control systems, temperature controllers and sensors
1 license
CXONE-AL01C-E
3 licenses
CXONE-AL03C-E
10 licenses
CXONE-AL10C-E
Name
Specifications
Cable length
Model
Peripheral Device Connecting Cables
(for peripheral port)
Connects computers, D-Sub 9-pin
0.1 m
CS1W-CN118
2.0 m
CS1W-CN226
6.0 m
CS1W-CN626
Peripheral Device Connecting Cable
(for RS-232C port)
Connects computers, D-Sub 9-pin
2.0 m
C200H-CN229-EU
USB-Serial conversion cable
Use with one of the cables above
0.5 m
CS1W-CIF31
Programming Cables
Note: Specifications are subject to change.
MEXICO SALES OFFICES
ARGENTINA SALES OFFICE
Mexico, D.F. 555.660.3144
Monterrey, N.L. 818.377.4281
Cono Sur 54.114.787.1129
Ciudad Juárez 656.623.7083
Querétaro 442.135.4510
BRAZIL SALES OFFICE
OTHER LATIN AMERICAN SALES
Sao Paulo 55.11.2101.6310 www.omron.com.br
Florida, EU 1.954.227.2121
www.espanol.omron.com
CHILE SALES OFFICE
Santiago 562.206.4592
OMRON ELECTRONICS LLC
877.486.6766
www.omron247.com
OMRON CANADA
416.286.6465
www.omron.ca


Similar Part No. - CJ1W-OD261

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-OD261 OMRON-CJ1W-OD261 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-OD261 OMRON-CJ1W-OD261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-OD261 OMRON-CJ1W-OD261 Datasheet
480Kb / 5P
   Reference Information
More results

Similar Description - CJ1W-OD261

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com