Electronic Components Datasheet Search |
|
CPM1A-TS102 Datasheet(PDF) 7 Page - Omron Electronics LLC |
|
CPM1A-TS102 Datasheet(HTML) 7 Page - Omron Electronics LLC |
7 / 27 page Specifications 11 Output Circuit CPU and Expansion I/O Unit Relay Output Item Specifications Circuit Maximum switching capacity 250 VAC/2 A (cos $ =1) 24 VDC/2 A (4 A/common) OUT Output LED Minimum switching capacity 5 VDC, 10 mA Relay service life Electrical Resis- tance load 300,000 times OUT COM Internal Circuits Inductive load 100,000 times Maximum 250 VAC: 2 A COM Mechanical 10 million times 250 VAC: 2 A 24 VDC: 2 A ON delay 15 ms max. OFF delay 15 ms max. Transistor Output (Sink Type/Source Type) (CPU/Expansion I/O Unit) Item Specifications Circuit Maximum switching capacity 24 VDC +10%/--15%, 300 mA (see note 1) OUT Output LED Sink Type Leakage current 0.1 mA max. OUT COM (--) Internal Circuits 24 VDC Residual voltage 1.5 V max. ( ) Source Type Output LED ON delay 0.1 ms max. OUT COM (+) Output LED Internal Circuits 24 VDC OFF delay 1 ms max. (see note 2) OUT Note: 1. The maximum switching capacity of the CPM1A with transistor outputs (sink type and source type) are limited to the cur- rents shown in the following table for the common and for the Unit. Item 10CDT/ 10CDT1-A/D 20CDT-D/ 20CDT1-A/D 30CDT-D/ 30CDT1-A/D 40CDT-D/ 40CDT1-A/D 20EDT/ 20EDT1 CPM1A-8ET/ 8ET1 Max. switching capacity 0.9 A/Unit 0.9 A/common 1.8 A/Unit 0.9 A/common 2.7 A/Unit 0.9 A/common 3.6 A/Unit 0.9 A/common 1.8 A/Unit 2. When using the pulse output function of the CPM1A with transistor outputs (sink type and source type): The output current must be within a range from 100 to 200 mA when using the output 01000 or 01001 as a pulse output with the maximum frequency of 2 kHz. The outputs 01000 and 01001 will vary depending on the output current. Load current OFF delay 100 to 200 mA 0.2 ms max. 0 to 300 mA except for the above range 0.5 ms max. |
Similar Part No. - CPM1A-TS102 |
|
Similar Description - CPM1A-TS102 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |