Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-1001-1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # EE-1001-1
Description  Reflective Photomicrosensor with Sensitivity Adjuster
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1001-1 Datasheet(HTML) 6 Page - Omron Electronics LLC

  EE-1001-1 Datasheet HTML 1Page - Omron Electronics LLC EE-1001-1 Datasheet HTML 2Page - Omron Electronics LLC EE-1001-1 Datasheet HTML 3Page - Omron Electronics LLC EE-1001-1 Datasheet HTML 4Page - Omron Electronics LLC EE-1001-1 Datasheet HTML 5Page - Omron Electronics LLC EE-1001-1 Datasheet HTML 6Page - Omron Electronics LLC EE-1001-1 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EE-SY671/672
6
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Sensors
Accessories (Order Separately)
*Refer to Accessories for details.
19
19
Two, 3.2 dia. holes
13.4
12.2
25.4
(31.4)
(25)
6.2
2.54
0.2
16.7
8.3
14.15
5.5
4.1
13.2
6.95
6.35
Sensitivity
adjuster
Sensing window (back) (12.2
× 4.1)
Indicator window
0.3
0.7
0.6
(3)
(2)
(4)
(1)
Two, 3.8 dia.
holes
EE-SY671
Terminal Arrangement
(1)
+
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
GND (0 V)
19
19
Two, 3.2 dia. holes
13.4
25.4
(31.2)
(25)
6.2
2.54
16.7
8.3
5.5
13.2
6.95
6.35
Sensitivity
adjuster
Sensing window (12.2
× 5.15)
Indicator window
0.3
0.7
0.6
(3)
(2)
(4)
(1)
Two, 3.8 dia.
holes
EE-SY672
Terminal Arrangement
(1)
+
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
GND (0 V)


Similar Part No. - EE-1001-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1001-1 OMRON-EE-1001-1 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - EE-1001-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SY310 OMRON-EE-SY310 Datasheet
221Kb / 4P
   Photomicrosensor (Reflective)
EE-SY171 OMRON-EE-SY171 Datasheet
241Kb / 4P
   Photomicrosensor (Reflective)
EE-SY110 OMRON-EE-SY110 Datasheet
252Kb / 4P
   Photomicrosensor (Reflective)
EE-SY201 OMRON-EE-SY201 Datasheet
174Kb / 2P
   Photomicrosensor (Reflective)
EE-SY169 OMRON-EE-SY169 Datasheet
671Kb / 4P
   Photomicrosensor (Reflective)
EE-SF5 OMRON-EE-SF5 Datasheet
722Kb / 4P
   Photomicrosensor (Reflective)
EE-SY313 OMRON-EE-SY313 Datasheet
219Kb / 4P
   Photomicrosensor (Reflective)
EE-SY124 OMRON-EE-SY124 Datasheet
372Kb / 4P
   Photomicrosensor (Reflective)
EE-SY113 OMRON-EE-SY113 Datasheet
253Kb / 4P
   Photomicrosensor (Reflective)
EE-SY193 OMRON-EE-SY193 Datasheet
302Kb / 6P
   Photomicrosensor (Reflective)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com