Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L143 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-L143
Description  Manual Fiber Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L143 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-L143 Datasheet HTML 1Page - Omron Electronics LLC E39-L143 Datasheet HTML 2Page - Omron Electronics LLC E39-L143 Datasheet HTML 3Page - Omron Electronics LLC E39-L143 Datasheet HTML 4Page - Omron Electronics LLC E39-L143 Datasheet HTML 5Page - Omron Electronics LLC E39-L143 Datasheet HTML 6Page - Omron Electronics LLC E39-L143 Datasheet HTML 7Page - Omron Electronics LLC E39-L143 Datasheet HTML 8Page - Omron Electronics LLC E39-L143 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
E3X-NA
2
Sensor I/O Connectors (Order Separately)
Note: Refer to Introduction to Sensor I/O Connectors for details.
Accessories (Order Separately)
Combining Amplifier Units and Connectors
Amplifier Units
Applicable Connectors (Order Separately)
Refer to the following tables when placing an order.
Type
NPN
PNP
+
Master Connector
Slave Connector
Basically, Amplifier Units and Connectors are sold
separately.
Standard
models
E3X-NA6
E3X-NA8
E3X-CN11 (3-wire)
E3X-CN12 (1-wire)
When Using 5 Amplifier Units
5 Amplifier Units
+
1 Master Connector + 4 Slave Connectors
Size
Cable specifications
Appearance
Cable type
Model
M8
Standard cable
2 m
Four-
conductor
cable
XS3F-M421-402-A
5 m
XS3F-M421-405-A
2 m
XS3F-M422-402-A
5 m
XS3F-M422-405-A
Straight connector
L-shaped connector
Mounting Brackets
Appearance
Applicable models
Model
Quantity
E3X-NA
@
E3X-NA
@F
E3X-NAG
@
E39-L143
1
E3X-NA
@V
E39-L148
End Plate
Appearance
Model
Quantity
PFP-M
1


Similar Part No. - E39-L143

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L142 OMRON-E39-L142 Datasheet
1Mb / 12P
   Print mark detection photoelectric sensor in compact stainless steel housing
E39-L142 OMRON-E39-L142 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
E39-L144 OMRON-E39-L144 Datasheet
1Mb / 12P
   Print mark detection photoelectric sensor in compact stainless steel housing
E39-L144 OMRON-E39-L144 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
E39-L149 OMRON-E39-L149 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E39-L143

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com