Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK2575DPA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK2575DPA
Description  250V - 17A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2575DPA Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK2575DPA Datasheet HTML 1Page - Renesas Technology Corp RJK2575DPA Datasheet HTML 2Page - Renesas Technology Corp RJK2575DPA Datasheet HTML 3Page - Renesas Technology Corp RJK2575DPA Datasheet HTML 4Page - Renesas Technology Corp RJK2575DPA Datasheet HTML 5Page - Renesas Technology Corp RJK2575DPA Datasheet HTML 6Page - Renesas Technology Corp RJK2575DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK2575DPA
Preliminary
R07DS0857EJ0200 Rev.2.00
Page 5 of 6
Jan 09, 2013
Vin Monitor
D.U.T.
Vin
10 V
RL
VDD
= 100 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
10
Ω
90%
10%
tf
Switching Time Test Circuit
Waveform
3
1
0.1
0.3
0.01
0.03
10
μ
100
μ
1 m
10 m
100 m
1
10
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
PDM
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 1.93
°C/W, Tc = 25°C
θ
γ
θ
θ
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Tc = 25
°C


Similar Part No. - RJK2575DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2576DPA RENESAS-RJK2576DPA Datasheet
74Kb / 4P
   250V - 17A - MOS FET High Speed Power Switching
RJK2576DPA-00J5A RENESAS-RJK2576DPA-00J5A Datasheet
74Kb / 4P
   250V - 17A - MOS FET High Speed Power Switching
More results

Similar Description - RJK2575DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2576DPA RENESAS-RJK2576DPA Datasheet
74Kb / 4P
   250V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0_15 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E Datasheet
98Kb / 6P
   250V - 12A - MOS FET High Speed Power Switching
Jul 27, 2012
H5N2507P RENESAS-H5N2507P_15 Datasheet
127Kb / 7P
   250V - 50A - MOS FET High Speed Power Switching
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E_15 Datasheet
98Kb / 6P
   250V - 12A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0_15 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0 Datasheet
101Kb / 7P
   250V - 18A - MOS FET High Speed Power Switching
H5N2507P RENESAS-H5N2507P Datasheet
126Kb / 7P
   250V - 50A - MOS FET 250V - 50A - MOS FET
Sep 12, 2012
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com