Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM1A-20CDT1-A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CPM1A-20CDT1-A
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-20CDT1-A Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CPM1A-20CDT1-A Datasheet HTML 3Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 4Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 5Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 6Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 7Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 8Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 9Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 10Page - Omron Electronics LLC CPM1A-20CDT1-A Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Specifications
11
Output Circuit
CPU and Expansion I/O Unit
Relay Output
Item
Specifications
Circuit
Maximum switching capacity
250 VAC/2 A (cos
$ =1)
24 VDC/2 A
(4 A/common)
OUT
Output
LED
Minimum switching capacity
5 VDC, 10 mA
Relay
service
life
Electrical
Resis-
tance
load
300,000 times
OUT
COM
Internal
Circuits
Inductive
load
100,000 times
Maximum
250 VAC: 2 A
COM
Mechanical
10 million times
250 VAC: 2 A
24 VDC: 2 A
ON delay
15 ms max.
OFF delay
15 ms max.
Transistor Output (Sink Type/Source Type) (CPU/Expansion I/O Unit)
Item
Specifications
Circuit
Maximum switching capacity
24 VDC +10%/--15%, 300 mA
(see note 1)
OUT
Output LED
Sink Type
Leakage current
0.1 mA max.
OUT
COM (--)
Internal
Circuits
24 VDC
Residual voltage
1.5 V max.
( )
Source Type
Output LED
ON delay
0.1 ms max.
OUT
COM (+)
Output LED
Internal
Circuits
24 VDC
OFF delay
1 ms max. (see note 2)
OUT
Note: 1. The maximum switching capacity of the CPM1A with transistor outputs (sink type and source type) are limited to the cur-
rents shown in the following table for the common and for the Unit.
Item
10CDT/
10CDT1-A/D
20CDT-D/
20CDT1-A/D
30CDT-D/
30CDT1-A/D
40CDT-D/
40CDT1-A/D
20EDT/
20EDT1
CPM1A-8ET/
8ET1
Max. switching
capacity
0.9 A/Unit
0.9 A/common
1.8 A/Unit
0.9 A/common
2.7 A/Unit
0.9 A/common
3.6 A/Unit
0.9 A/common
1.8 A/Unit
2. When using the pulse output function of the CPM1A with transistor outputs (sink type and source type):
The output current must be within a range from 100 to 200 mA when using the output 01000 or 01001 as a pulse output with
the maximum frequency of 2 kHz. The outputs 01000 and 01001 will vary depending on the output current.
Load current
OFF delay
100 to 200 mA
0.2 ms max.
0 to 300 mA except for the above range
0.5 ms max.


Similar Part No. - CPM1A-20CDT1-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-20CDT1-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com