Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM1A-10CDT-D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CPM1A-10CDT-D
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-10CDT-D Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CPM1A-10CDT-D Datasheet HTML 2Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 3Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 4Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 5Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 6Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 7Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 8Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 9Page - Omron Electronics LLC CPM1A-10CDT-D Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Specifications
10
I/O Specifications
Input Circuit
CPU
Item
Specifications
Circuit
Input voltage
24 VDC +10%/--15%
Input
Input impedance
IN0000 to IN0002: 2 k
!
Others: 4.7 k
!
4 7 k
!
Input
LED
Input current (typical)
IN0000 to IN0002: 12 mA
Others: 5 mA
4.7 k
!
Internal
Circuits
IN
4 7 k
!
ON voltage
14.4 VDC min.
COM
Circuits
4.7 k
!
OFF voltage
5.0 VDC max.
ON delay (see note 1)
1 to 128 ms max.
(default: 8 ms) (see note 1)
Note The polarity of the input power supply can be either
OFF delay (see note 1)
1 to 128 ms max.
(default: 8 ms) (see note 1)
Note The polarity of the input power supply can be either
positive or negative.
Note: 1. The actual ON/OFF delay includes an input constant of 1, 2, 4, 8, 16, 32, 64, or 128 ms (default: 8 ms).
2. The delays for IN0000 to IN0002 are as follows when used for the high-speed counter.
Input
Increment mode
Differential phase mode
IN0000 (A-phase)
5kHz
2.5 kHz
IN0001 (B-phase)
Normal input
IN0002 (Z-phase)
ON: 100
#s max. OFF: 500 #smax.
3. The delays for IN0003 to IN0006 are as follows when used for the high-speed counter.
Delay
0.3 ms max. (From the time of input ON until the interrupt subroutine is executed.)
Expansion I/O Unit
Item
Specifications
Circuit
Input voltage
24 VDC, +10%/--15%
Input
Input impedance
4.7 k
!
Input
LED
Input current (typical)
5mA
4.7 k
!
ON voltage
14.4 VDC min.
Internal
Ci
it
IN
4 7 k
!
OFF voltage
5.0 VDC max.
COM
e a
Circuits
4.7 k
!
ON delay
1 to 128 ms max.
(default: 8 ms) (see note)
OFF delay
1 to 128 ms max.
(default: 8 ms) (see note)
Note The polarity of the input power supply can be either
positive or negative.
Note: The actual ON/OFF delay includes an input constant of 1, 2, 4, 8, 16, 32, 64, or 128 ms (default: 8 ms).


Similar Part No. - CPM1A-10CDT-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-10CDT-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com