Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM1A-10CDR-D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CPM1A-10CDR-D
Description  CPM1A System configuration
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM1A-10CDR-D Datasheet(HTML) 3 Page - Omron Electronics LLC

  CPM1A-10CDR-D Datasheet HTML 1Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 2Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 3Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 4Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 5Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 6Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 7Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 8Page - Omron Electronics LLC CPM1A-10CDR-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
System Configuration
7
CPM1A System Configuration
CPM1-CIF01/CIF11 Adapter
Peripheral port
Connecting cable
Both AC and DC power supplies.
30-point CPU and 40-point CPU only.
May be expanded up to a maximum
of 3 Units.
Expansion I/O Unit
Expansion I/O Unit
Expansion I/O Unit
Connection Groups for Expansion Units
Group 1 (G1)
Group 2 (G2)
Expansion I/O Units,
Analog I/O Unit,
CompoBus/S I/O LInk Unit
CPM1A-TS001/101
CPM1A-TS002/102
In addition to the CPU Unit, Expansion Units from the groups indicated in the above table can be combined as shown below.
Possible Expansion Unit Combinations
Expansion Unit 1
Expansion Unit 2
Expansion Unit 3
G1
G1
G1
G2
G1
---
Note:
1. Expansion Units 1, 2, and 3 can be mounted in any order.
2. Only one Expansion Unit can be mounted if an NT-AL001 is connected to the RS-232C port.
External Dimensions
DC power supply
AC power supply
Unit: mm
W
90
50
85
Model
W (mm)
CPM1A-10CDj-A/D
66
CPM1A-20CDj-A/D
86
CPM1A-30CDj-A/D
130
CPM1A-40CDj-A/D
150
CPM1A-20EDj
86 (depth: 50 mm)
CPM1A-8Ej/SRT21
66 (depth: 50 mm)
CPM1A-MAD01
66 (depth: 50 mm)
CPM1A-TSjjj
86 (depth: 50 mm)
CPM1-CIF01
CPM1-CIF11
21
90
81
30
50
56
21
90
81
30
50
61


Similar Part No. - CPM1A-10CDR-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
More results

Similar Description - CPM1A-10CDR-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID211 OMRON-CJ1W-ID211 Datasheet
418Kb / 10P
   System Configuration
logo
Epson Company
SG-8002CE-SCB EPSON-SG-8002CE-SCB Datasheet
175Kb / 1P
   Product Configuration System
SGR-8002JC-PCC EPSON-SGR-8002JC-PCC Datasheet
175Kb / 1P
   Product Configuration System
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
logo
Omron Electronics LLC
CPM1A-40CDR-A-V1 OMRON-CPM1A-40CDR-A-V1 Datasheet
1Mb / 25P
   Micro Programmable Controller CPM1A
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
   Auto-Configuration Backup and Restore System
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Axiomtek Co., Ltd.
DSA-146 AXIOMTEK-DSA-146 Datasheet
288Kb / 1P
   Pluggable engine box: Easy system configuration and maintenance
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04 Datasheet
123Kb / 17P
   QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com