Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ1H-CPU66H Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CJ1H-CPU66H
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU66H Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CJ1H-CPU66H Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 9Page - Omron Electronics LLC CJ1H-CPU66H Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
System Power and Expansion
B-114 Programmable Controller
CJ1
Power Supply Units
J Features
Select the Power Supply Unit to match the current con-
sumption requirements of a Basic Configuration CJ1 Series
system or a CPU Rack and Expansion Rack system.
Choose 100-120 VAC/200-240 VAC or 24 VDC models.
Separate RUN output on CJ1W-PA205R Power Supply
Unit provides confirmation of operation for troubleshoot-
ing and remote diagnostics.
Power Supply Units
CJ1W-PA205R
CJ1W-PA202
CJ1W-PD025
J Specifications
Item
Specifications
Power Supply Unit
CJ1W-PA205R
CJ1W-PA202
CJ1W-PD025
Supply voltage
100 to 240 VAC (wide-range), 50/60 Hz
24 VDC
Operating voltage and
frequency ranges
85 to 264 VAC, 47 to 63 Hz
19.2 to 28.2 VDC
Power consumption
100 VA max.
50 VA max.
50 W max.
Inrush current
(See note 3.)
100 to 120-VAC input: 15 A/8 ms
max. (with cold start at room
temperature)
200 to 240-VAC input: 30 A/8 ms
max. (at cold start under room
temperature)
100 to 120-VAC input: 20 A/8 ms
max.(with cold start at room
temperature)
200 to 240-VAC input: 40 A/8 ms
max. (with cold start at room
temperature)
At 24 VDC: 30 A/20 ms max. for
cold start at room temperature
Output capacity
5.0 A, 5 VDC (including supply to
the CPU);
0.8 A, 24 VDC (total: 25 W max.)
2.8 A, 5 VDC (including supply to
the CPU);
0.4 A, 24 VDC (total: 14 W max.)
5.0 A, 5 VDC (including supply to
CPU);
0.8 A, 24 VDC;(total: 25 W max.)
Output terminal
Not provided
RUN output
(See note 2.)
Contact configuration: SPST-NO
Switching capacity:
250 VAC, 2 A (resistive load)
120 VAC, 0.5 A (inductive load)
24 VDC, 2 A (resistive load)
24 VDC, 2 A (inductive load)
None provided
Insulation resistance
(See note 1.)
20 M
Ω min. (at 500 VDC) between AC external and GR terminals
20 M
Ω min. (at 500 VDC) between
DC external and GR terminals
Dielectric strength
(See note 1.)
2,300 VAC 50/60 Hz for 1 min between AC external and GR terminals
Leakage current: 10 mA max.
1,000 VAC 50/60 Hz for 1 min
between DC external and GR
t
i
l
(
)
1,000 VAC 50/60 Hz for 1 min between DC external and GR terminals
Leakage current: 10 mA max.
terminals
Leakage current: 10 mA max.
(This table continues on the next page.)
Note: 1. Disconnect the Power Supply Unit’s LG terminal from the GR terminal when testing insulation and dielectric strength. Testing
the insulation and dielectric strength with the LG terminal and the GR terminals connected will damage internal circuits in the
CPU.
2. Supported only when mounted to CPU Rack.
3. These values are based on the condition that the Unit is cold-started at room temperature. Thermistor elements with current
suppression characteristics are used in the inrush current limiting circuits provided in the power supply. The inrush current may
exceed as much as twice these values if the ambient temperature is high or when the power supply is hot-started with insuffi-
cient cooling down time because the thermistors are not sufficiently cooled down. When selecting fuses or breakers for external
circuits, ensure a sufficient allowance for fuse or current detection characteristics.


Similar Part No. - CJ1H-CPU66H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
344Kb / 15P
   CPU Selection
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1H-CPU66H OMRON-CJ1H-CPU66H Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results

Similar Description - CJ1H-CPU66H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-ID261 OMRON-CJ1W-ID261 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com