Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80102IR18Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL80102IR18Z
Description  High Performance 2A and 3A Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102IR18Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL80102IR18Z Datasheet HTML 1Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 2Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 3Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 4Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 5Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 6Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 7Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 8Page - Intersil Corporation ISL80102IR18Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL80102, ISL80103
4
FN6660.6
June 14, 2013
Absolute Maximum Ratings (Note 6)
Thermal Information
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VOUT Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
PG, ENABLE, SENSE/ADJ, SS, Relative to GND. . . . . . . . . . . -0.3V to +6.5V
Recommended Operating Conditions (Note 8)
Junction Temperature Range (TJ) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V to 6V
VOUT Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mV to 5V
PG, ENABLE, SENSE/ADJ, SS Relative to GND . . . . . . . . . . . . . . . . 0V to 6V
PG Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
10 Ld 3x3 DFN Package (Notes 4, 5). . . . .
45
4
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. ABS max voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
7. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, all parameters are established over the following specified conditions:
VIN =VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, ILOAD = 0A. Applications must follow thermal guidelines of the package to
determine worst case junction temperature. Please refer to “Functional Description” on page 12 and Tech Brief TB379.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Pulse load techniques used by ATE to ensure TJ = TA defines
established limits.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
DC CHARACTERISTICS
DC Output Voltage Accuracy
VOUT
VOUT Options: 1.8V.
VIN =2.2V; ILOAD = 0A
0.5
%
VOUT Options: 1.8V.
2.2V < VIN < 3.6V; 0A < ILOAD < 3A
-1.8
1.8
%
VOUT Options: 2.5V
VIN =VOUT + 0.4V; ILOAD = 0A
0.5
%
VOUT Options: 2.5V
VOUT + 0.4V < VIN < 6V; 0A < ILOAD < 3A
-1.8
-1.8
%
Feedback Pin (ADJ Version)
VFB
2.2V < VIN < 6V, 0A < ILOAD < 3A
491
500
509
mV
DC Input Line Regulation
ΔVOUT/ΔVIN
VOUT + 0.4V < VIN < 3.6V, VOUT = 1.8V
0.1
0.4
%
VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
0.1
0.8
%
DC Output Load Regulation
ΔVOUT/ΔIOUT 0A < ILOAD < 3A, All voltage options
-0.8
%
0A < ILOAD < 2A, All voltage options
-0.6
%
Feedback Input Current
VADJ = 0.5V
0.01
1
µA
Ground Pin Current
IQ
ILOAD = 0A, 2.2V < VIN < 6V
7.5
9
mA
ILOAD = 3A, 2.2V < VIN < 6V
8.5
12
mA
Ground Pin Current in Shutdown
ISHDN
ENABLE Pin = 0.2V, VIN = 5V
0.4
µA
ENABLE Pin = 0.2V, VIN = 6V
3.3
16
µA
Dropout Voltage (Note 9)
VDO
ILOAD = 3A, VOUT = 2.5V, 10 LD 3x3 DFN
120
185
mV
ILOAD = 2A, VOUT = 2.5V, 10 LD 3x3 DFN
81
125
mV
Output Short Circuit Current
(3A Version)
ISC
VOUT = 0V, VOUT + 0.4V < VIN < 6V
5.0
A
Output Short Circuit Current
(2A Version)
VOUT = 0V, VOUT + 0.4V < VIN < 6V
2.8
A


Similar Part No. - ISL80102IR18Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IR18Z INTERSIL-ISL80102IR18Z Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
ISL80102IR18Z INTERSIL-ISL80102IR18Z Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102IR18Z INTERSIL-ISL80102IR18Z Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102IR18Z RENESAS-ISL80102IR18Z Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102IR18Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com