Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6208CRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6208CRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6208CRZ Datasheet HTML 4Page - Intersil Corporation ISL6208CRZ Datasheet HTML 5Page - Intersil Corporation ISL6208CRZ Datasheet HTML 6Page - Intersil Corporation ISL6208CRZ Datasheet HTML 7Page - Intersil Corporation ISL6208CRZ Datasheet HTML 8Page - Intersil Corporation ISL6208CRZ Datasheet HTML 9Page - Intersil Corporation ISL6208CRZ Datasheet HTML 10Page - Intersil Corporation ISL6208CRZ Datasheet HTML 11Page - Intersil Corporation ISL6208CRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL6208, ISL6208B
8
FN9115.6
January 31, 2012
Diode Emulation
Diode emulation allows for higher converter efficiency under
light load situations. With diode emulation active, the ISL6208
will detect the zero current crossing of the output inductor and
turn off LGATE. This ensures that discontinuous conduction
mode (DCM) is achieved. Diode emulation is asynchronous to
the PWM signal. Therefore, the ISL6208 will respond to the
FCCM input immediately after it changes state. Refer
to“Typical Performance Waveforms” on page 7. NOTE: Intersil
does not recommend Diode Emulation use with rDS(ON)
current sensing topologies. The turn-OFF of the low side
MOSFET can cause gross current measurement inaccuracies.
Three-State PWM Input
A unique feature of the ISL6208 and other Intersil drivers is the
addition of a shutdown window to the PWM input. If the PWM
signal enters and remains within the shutdown window for a set
holdoff time, the output drivers are disabled and both MOSFET
gates are pulled and held low. The shutdown state is removed
when the PWM signal moves outside the shutdown window.
Otherwise, the PWM rising and falling thresholds outlined in the
“Electrical Specifications” table on page 3 determine when the
lower and upper gates are enabled.
Adaptive Shoot-Through Protection
Both drivers incorporate adaptive shoot-through protection to
prevent upper and lower MOSFETs from conducting
simultaneously and shorting the input supply. This is
accomplished by ensuring the falling gate has turned off one
MOSFET before the other is allowed to turn on.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a 1V threshold, at which time the
UGATE is released to rise. Adaptive shoot-through circuitry
monitors the upper MOSFET gate-to-source voltage during UGATE
turn-off. Once the upper MOSFET gate-to-source voltage has
dropped below a threshold of 1V, the LGATE is allowed to rise.
Internal Bootstrap Diode
This driver features an internal bootstrap Schottky diode.
Simply adding an external capacitor across the BOOT and
PHASE pins completes the bootstrap circuit.
The bootstrap capacitor must have a maximum voltage rating
above the maximum battery voltage plus 5V. The bootstrap
capacitor can be chosen from Equation 1:
where QGATE is the amount of gate charge required to fully
charge the gate of the upper MOSFET. The
ΔVBOOT term is
defined as the allowable droop in the rail of the upper drive.
As an example, suppose an upper MOSFET has a gate charge,
QGATE, of 25nC at 5V and also assume the droop in the drive
voltage over a PWM cycle is 200mV. One will find that a
bootstrap capacitance of at least 0.125µF is required. The next
larger standard value capacitance is 0.15µF. A good quality
ceramic capacitor is recommended.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency and total gate charge of the selected
MOSFETs. Calculating the power dissipation in the driver for a
desired application is critical to ensuring safe operation.
Exceeding the maximum allowable power dissipation level will
push the IC beyond the maximum recommended operating
junction temperature of +125°C. The maximum allowable IC
power dissipation for the SO-8 package is approximately
800mW. When designing the driver into an application, it is
recommended that the following calculation be performed to
ensure safe operation at the desired frequency for the selected
MOSFETs. The power dissipated by the driver is approximated
as shown in Equation 2:
where fsw is the switching frequency of the PWM signal. VU
and VL represent the upper and lower gate rail voltage. QU and
QL is the upper and lower gate charge determined by MOSFET
selection and any external capacitance added to the gate pins.
The lVCC VCC product is the quiescent power of the driver and
is typically negligible.
CBOOT
QGATE
ΔV
BOOT
---------------------
(EQ. 1)
FIGURE 8. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
20nC
ΔVBOOT_CAP (V)
2.0
1.6
1.4
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.2
1.8
Pfsw 1.5VUQU VLQL
+
() I
VCCVCC
+
=
(EQ. 2)
FIGURE 9. POWER DISSIPATION vs FREQUENCY
FREQUENCY (kHz)
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800 1000 1200 1400 1600 1800 2000
QU = 50nC
QL = 50nC
QU = 50nC
QL = 100nC
QU =100nC
QL = 200nC
QU = 20nC
QL =50nC


Similar Part No. - ISL6208CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
More results

Similar Description - ISL6208CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com