Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSA1220 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KSA1220
Description  Audio Frequency Power Amplifier High Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KSA1220 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
-0
-10
-20
-30
-40
-50
-60
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
IB = -1mA
IB = -2mA
IB = -3mA
IB = -4mA
IB = -5mA
IB = -6mA
IB = -7mA
IB = 0A
VCE[V], COLLECTOR-EMITTER VOLTAGE
-1E-3
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = -5V
Pulse Test
IC[A], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0.01
-0.1
-1
-10
IC = 5 IB
Pulse Test
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-1
-10
-100
-1000
1
10
100
1000
f=1.0MHz
I
E=0
V
CB[V], COLLECTOR-BASE VOLTAGE
-0.01
-0.1
-1
1
10
100
1000
VCE = -5V
Pulse Test
IC[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
KSA1220A
KSA1220
IC MAX. (DC)
Dissipation
Limited
IC MAX. (Pulse)
VCE[V], COLLECTOR-EMITTER VOLTAGE


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn