Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK1028DNS-00-J5 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK1028DNS-00-J5
Description  100V, 4A, 165m max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1028DNS-00-J5 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK1028DNS-00-J5 Datasheet HTML 1Page - Renesas Technology Corp RJK1028DNS-00-J5 Datasheet HTML 2Page - Renesas Technology Corp RJK1028DNS-00-J5 Datasheet HTML 3Page - Renesas Technology Corp RJK1028DNS-00-J5 Datasheet HTML 4Page - Renesas Technology Corp RJK1028DNS-00-J5 Datasheet HTML 5Page - Renesas Technology Corp RJK1028DNS-00-J5 Datasheet HTML 6Page - Renesas Technology Corp RJK1028DNS-00-J5 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0195EJ0400 Rev.4.00
Page 1 of 6
Apr 11, 2013
Preliminary Datasheet
RJK1028DNS
100V, 4A, 165m
 max.
Silicon N Channel Power MOS FET
Power Switching
Features
 High speed switching
 Capable of 4.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
RDS(on) = 125 mtyp. (at VGS = 10 V)
 Pb-free
 Halogen-free
Outline
RENESAS Package code: PWSN0008JB-A
(Package name: HWSON-8)
G
D
SS S
DD D
4
12 3
56 7 8
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
8
7
6
5
2 1
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
100
V
Gate to source voltage
VGSS
+12, -5
V
Drain current
ID
4
A
Drain peak current
ID(pulse)
Note1
12
A
Body-drain diode reverse drain current
IDR
4
A
Avalanche current
IAP
Note 2
2
A
Avalanche energy
EAS
Note 2
0.4
mJ
Channel dissipation
Pch
Note3
10
W
Channel to case thermal impedance
ch-c Note3
12.5
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tch = 25
C, Rg  50 
3. Tc = 25
C
R07DS0195EJ0400
Rev.4.00
Apr 11, 2013


Similar Part No. - RJK1028DNS-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1028DNS RENESAS-RJK1028DNS Datasheet
100Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
   100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK1028DNS-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
   100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
RJK1028DPA RENESAS-RJK1028DPA_13 Datasheet
141Kb / 7P
   100V, 4A, 165m max. N Channel Power MOS FET High Speed Power Switching
RJK1028DSP RENESAS-RJK1028DSP_13 Datasheet
111Kb / 7P
   100V, 3A, 165m max. Silicon N Channel Power MOS FET Power Switching
RJK1052DPB RENESAS-RJK1052DPB_13 Datasheet
106Kb / 7P
   100V, 20A, 20m max. Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_13 Datasheet
107Kb / 7P
   100V, 25A, 13m max Silicon N Channel Power MOS FET Power Switching
RJK1055DPB RENESAS-RJK1055DPB Datasheet
155Kb / 7P
   100V, 23A, 17m max. Silicon N Channel Power MOS FET Power Switching
RJK1056DPB RENESAS-RJK1056DPB Datasheet
154Kb / 7P
   100V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_13 Datasheet
136Kb / 7P
   100V, 20A, 22m max Silicon N Channel Power MOS FET Power Switching
RJK1054DPB RENESAS-RJK1054DPB_15 Datasheet
136Kb / 7P
   100V, 20A, 22m??max. Silicon N Channel Power MOS FET Power Switching
RJK1053DPB RENESAS-RJK1053DPB_15 Datasheet
107Kb / 7P
   100V, 25A, 13m??max Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com