Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJL1W Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJL1W
Description  Thick Film Chip Resistors / Low Resistance Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJL1W Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJL1W Datasheet HTML 1Page - Panasonic Semiconductor ERJL1W Datasheet HTML 2Page - Panasonic Semiconductor ERJL1W Datasheet HTML 3Page - Panasonic Semiconductor ERJL1W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
155 °C
70 °C
Ambient Temperature (°C)
20
40
60
80
100
–55 °C
2B, 3R, 3B, 6R, 6B, 8R, 8B, 8CW
14R, 14B, 12R, 12Z, 1TR,
L03, L06, L08, L14, L12, L1D, L1W
2BW, 3BW
6BW, 8BW
125 °C
Type (inch size)
Power Rating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
(1)
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature Range
(°C)
ERJL03
(0603)
0.2
±1, ±5
47 m to 100 m
±200
–55 to +125
ERJL06
(0805)
0.25
±1, ±5
47 m to 100 m
±100
–55 to +125
ERJL08
(1206)
0.33
±1, ±5
47 m to 100 m
±100
–55 to +125
ERJL14
(1210)
0.33
±1, ±5
20 m to 100 m
R<47 m
Ω : ±300
R
>47 mΩ : ±100
–55 to +125
ERJL12
(1812)
0.5
±1, ±5
20 m to 100 m
–55 to +125
ERJL1D
(2010)
0.5
±1, ±5
40 m to 100 m
–55 to +125
ERJL1W (2512)
1
±1, ±5
40 m to 100 m
–55 to +125
<Low TCR type>
(1) Standard R.V. : 20 m
Ω, 22 mΩ, 33 mΩ, 39 mΩ, 47 mΩ, 50 mΩ, 100 mΩ, Custom R.V. : Each 1 mΩ within upper range.
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Ratings
May. 2013
05
13


Similar Part No. - ERJL1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJL1W PANASONIC-ERJL1W Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1W PANASONIC-ERJL1W Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1W PANASONIC-ERJL1W Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1W PANASONIC-ERJL1W Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL1W PANASONIC-ERJL1W Datasheet
109Kb / 4P
   Thick Film Chip Resistors Low Resistance Type
More results

Similar Description - ERJL1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com