Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIC126S Datasheet(PDF) 3 Page - Comset Semiconductor

Part No. TIC126S
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

TIC126S Datasheet(HTML) 3 Page - Comset Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIC126A, TIC126B, TIC126C, TIC126D, TIC126E, TIC126M,
TIC126N, TIC126S
30/10/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
Notes:
1. These values apply when the gate-cathode resistance RGK = 1kΩ
2. These values apply for continuous dc operation with resistive load. Above 70°C derate
linearly to zero at 110°C.
3. This value may be applied continuously under single phase 50 Hz half-sine-wave
operation with resistive load. Above 70°C derate linearly to zero at 110°C.
4. This value applies for one 50 Hz half-sine-wave when the device is operating at (or below)
the rated value of peak reverse voltage and on-state current. Surge may be repeated after
the device has returned to original thermal equilibrium.
5. This value applies for a maximum averaging time of 20 ms.
6. This parameters must be measured using pulse techniques, tW = 300µs, duty cycle ≤ 2 %,
voltage-sensing contacts, separate from the courrent-carrying contacts, are located within
3.2mm (1/8 inch) from de device body.
MECHANICAL DATA CASE TO-220


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn