Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC126B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIC126B
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC126B Datasheet(HTML) 1 Page - Comset Semiconductor

  TIC126B Datasheet HTML 1Page - Comset Semiconductor TIC126B Datasheet HTML 2Page - Comset Semiconductor TIC126B Datasheet HTML 3Page - Comset Semiconductor TIC126B Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIC126A, TIC126B, TIC126C, TIC126D, TIC126E, TIC126M,
TIC126N, TIC126S
30/10/2012
COMSET SEMICONDUCTORS
1 | 4
SEMICONDUCTORS
P-N-P-N SILICON REVERSE-BLOCKING TRIODE
THYRISTORS
• 12 A Continuous On-State Current
• 100 A Surge-Current
• Glass Passivated Wafer
• 100 V to 800 V Off-State Voltage
• Max IGT of 20 mA
• Compliance to ROHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
A
B
C
D
E
M
S
N
VDRM
Repetitive peak off-state voltage
(see Note1)
100 200 300 400 500 600 700 800
V
VRRM
Repetitive peak reverse voltage
100 200 300 400 500 600 700 800
V
IT(RMS)
Continuous on-state current at
(or below) 70°C case temperature
(see note2)
12
A
IT(AV)
Average on-state current
(180° conduction angle) at(or below)
70°C case temperature (see Note3)
7.5
A
ITM
Surge on-state current (see Note4)
100
A
IGM
Peak positive gate current
(pulse width ≤300 µs)
3
A
PGM
Peak power dissipation
(pulse width ≤300 µs)
5
W
PG(AV)
Average gate power dissipation
(see Note5)
1
W
TC
Operating case temperature range
-40 to +110
°C
Tstg
Storage temperature range
-40 to +125
°C
TL
Lead temperature 1.6 mm from case
for 10 seconds
230
°C


Similar Part No. - TIC126B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC126B COMSET-TIC126B Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
More results

Similar Description - TIC126B

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC116A COMSET-TIC116A_12 Datasheet
164Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC126A COMSET-TIC126A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC116A COMSET-TIC116A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC106A COMSET-TIC106A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC106A COMSET-TIC106A_12 Datasheet
163Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC106 NJSEMI-TIC106 Datasheet
129Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
Comset Semiconductor
TIC108A COMSET-TIC108A Datasheet
208Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
2N3559 NJSEMI-2N3559 Datasheet
154Kb / 2P
   P-N-P-N PLANAR SILICON REVERSE-BLOCKING TRIODE THYRISTORS
2N3004 NJSEMI-2N3004 Datasheet
174Kb / 1P
   P-N-P-N PLANAR SILICON REVERSE-BLOCKING TRIODE THYRISTOR
2N883 NJSEMI-2N883 Datasheet
164Kb / 1P
   P-N-P-N DIFFUSED SILICON REVERSE-BLOCKING TRIODE THYRSTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com