Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC116A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC116A
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC116A Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC116A Datasheet HTML 1Page - Comset Semiconductor TIC116A Datasheet HTML 2Page - Comset Semiconductor TIC116A Datasheet HTML 3Page - Comset Semiconductor TIC116A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIC116A, TIC116B, TIC116C, TIC116D, TIC116E, TIC116M,
TIC116N, TIC116S
29/10/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
tgt
Gate-controlled
Turn-on time
VAA = 30 V, RL = 6 ,
RGK(eff) = 100 , Vin = 20 V
0.8
µs
tq
Circuit-communicated
Turn-off time
VAA = 30 V, RL = 6 , IRM ≈ 10 A
11
R∂JC
Junction to case thermal resistance
≤ 3
°C/W
R∂JA
Junction to free air thermal resistance
≤ 62.5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
IDRM
Repetitive peak off-state
current
VD = Rated VDRM, RGK = 1 kΩ
TC = 110°C
-
-
2
mA
IRRM
Repetitive peak reverse
current
VR = Rated VRRM, IG = 0
TC = 110°C
-
-
2
mA
IGT
Gate trigger current
VAA = 6 V, RL = 100 Ω
tp(g) ≥ 20µs
-
5
20
mA
VGT
Gate trigger voltage
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
TC = -40°C
-
-
2.5
V
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
-
0.8
1.5
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
TC = 110°C
0.2
-
-
IH
Holding current
VAA = 6 V, RGK = 1 kΩ
initiating IT = 100 mA
-
-
40
mA
VAA = 6 V, RGK = 1 kΩ
initiating IT = 100 mA
TC = -40°C
-
-
70
VTM
Peak on-state voltage
ITM = 8A (see Note6)
-
-
1.7
V
dv/dt
Critical rate of rise of off-
state voltage
VD = Rated VD
TC = 110°C
-
100
-
V/µs


Similar Part No. - TIC116A

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC116A COMSET-TIC116A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
More results

Similar Description - TIC116A

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC126A COMSET-TIC126A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC126A COMSET-TIC126A_12 Datasheet
163Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC116A COMSET-TIC116A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC106A COMSET-TIC106A Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC106A COMSET-TIC106A_12 Datasheet
163Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC106 NJSEMI-TIC106 Datasheet
129Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
Comset Semiconductor
TIC108A COMSET-TIC108A Datasheet
208Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
2N3559 NJSEMI-2N3559 Datasheet
154Kb / 2P
   P-N-P-N PLANAR SILICON REVERSE-BLOCKING TRIODE THYRISTORS
2N3004 NJSEMI-2N3004 Datasheet
174Kb / 1P
   P-N-P-N PLANAR SILICON REVERSE-BLOCKING TRIODE THYRISTOR
2N883 NJSEMI-2N883 Datasheet
164Kb / 1P
   P-N-P-N DIFFUSED SILICON REVERSE-BLOCKING TRIODE THYRSTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com