Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INT05V3AM1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INT05V3AM1
Description  FOR ESD PROTECTION SILICON EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INT05V3AM1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INT05V3AM1 Datasheet HTML 1Page - Isahaya Electronics Corporation INT05V3AM1 Datasheet HTML 2Page - Isahaya Electronics Corporation INT05V3AM1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
< DIODE >
INT05V3AM1
FOR ESD PROTECTION
SILICON EPITAXIAL TYPE(COMMON ANODE)
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
4.855.2
5.4
5.6
5.866.2
6.4
Reverse voltage : VR (V)
IR-VR
Ta=125℃
75℃
25℃
-25℃
0.001
0.01
0.1
1
0
123
Reverse voltage: VR (V)
IR-VR
Ta=25℃
0
2
4
6
8
10
12
14
16
18
20
0
123
Reverse voltage : VR (V)
Ct-VR
Ta=25℃
f=1MHz


Similar Part No. - INT05V3AM1

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
   50W Programmable Tunable White LED Driver
INT050U142X2NS LINKCOM-INT050U142X2NS Datasheet
848Kb / 6P
   50W Programmable Tunable White LED Driver
logo
List of Unclassifed Man...
INT057ATFT ETC2-INT057ATFT Datasheet
1Mb / 14P
   LCD Module Product Specification
More results

Similar Description - INT05V3AM1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INTB18VAC1 ISAHAYA-INTB18VAC1 Datasheet
429Kb / 3P
   FOR ESD PROTECTION SILICON EPITAXIAL TYPE(COMMON ANODE)
logo
Toshiba Semiconductor
DF2B36FU TOSHIBA-DF2B36FU Datasheet
430Kb / 10P
   ESD Protection Diodes Silicon Epitaxial Planar
DF10G7M1N TOSHIBA-DF10G7M1N Datasheet
281Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B7M2CL TOSHIBA-DF2B7M2CL Datasheet
317Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B7SL TOSHIBA-DF2B7SL Datasheet
258Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2S6M4SL TOSHIBA-DF2S6M4SL Datasheet
316Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2S7MSL TOSHIBA-DF2S7MSL Datasheet
312Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4ASL TOSHIBA-DF2B5M4ASL Datasheet
374Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4CT TOSHIBA-DF2B5M4CT Datasheet
365Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
2017-12-21 Rev.2.0
DF2B5M5SL TOSHIBA-DF2B5M5SL Datasheet
360Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
2018-03-12 Rev.1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com