Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMD40-1515 Datasheet(PDF) 2 Page - TDK Electronics

Part # KMD40-1515
Description  15-40W Medical AC-DC PCB-Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KMD40-1515 Datasheet(HTML) 2 Page - TDK Electronics

  KMD40-1515 Datasheet HTML 1Page - TDK Electronics KMD40-1515 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
68
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B4: Jan 2013
KM Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/km-series.htm
KM15 Outline Drawings
KM40 Outline Drawings
Output Minimum Maximum
Output Set
Line
Load
Voltage Current
Current Power Accuracy Regulation Regulation(1)
Cross Efficiency
Model
(V)
(A)
(A)
(W)
(%)
(%)
(%)
Regulation
(%)
Single Output
KMS15-3P3
V1
3.3V
0A
3.00A
9.9W
±2%
0.5%
1%
-
74%
KMS40-3P3
V1
3.3V
80mA
8.00A
26.4W
±2%
0.5%
1%
-
75%
KMS15-5
V1
5V
0A
3.00A
15W
±2%
0.5%
1%
-
78%
KMS40-5
V1
5V
80mA
8.00A
40W
±2%
0.5%
1%
-
79%
KMS15-9
V1
9V
0A
1.67A
15W
±2%
0.5%
1%
-
79%
KMS40-9
V1
9V
44mA
4.44A
40W
±2%
0.5%
1%
-
82%
KMS15-12
V1
12V
0A
1.25A
15W
±2%
0.5%
1%
-
81%
KMS40-12
V1
12V
33mA
3.33A
40W
±2%
0.5%
1%
-
83%
KMS15-15
V1
15V
0A
1.00A
15W
±2%
0.5%
1%
-
81%
KMS40-15
V1
15V
26.7mA
2.67A
40W
±2%
0.5%
1%
-
83%
KMS15-24
V1
24V
0A
0.62A
15W
±2%
0.5%
1%
-
83%
KMS40-24
V1
24V
16.7mA
1.67A
40W
±2%
0.5%
1%
-
83%
Dual Output
KMD15-55
V1
+5V
150mA
1.5A
±2%
0.5%
1%
5%
V2
-5V
150mA
1.5A
±2%
0.5%
1%
5%
KMD40-55
V1
+5V
400mA
4A
±2%
0.5%
1%
5%
V2
-5V
400mA
4A
±2%
0.5%
1%
5%
KMD40-512
V1
5V(2)
1250mA
5A
±3%
0.5%
2%
1%
V2
12V(2)
312mA
1.25A
±5%
5.0%
6%
7%
KMD40-524
V1
5V(2)
1250mA
5A
±3%
0.5%
2%
1%
V2
24V(2)
156mA
0.625A
±5%
5.0%
6%
7%
KMD15-1212
V1
+12V
62.5mA
0.625A
±2%
0.5%
1%
3%
V2
-12V
62.5mA
0.625A
±2%
0.5%
1%
3%
KMD40-1212
V1
+12V
166mA
1.66A
±2%
0.5%
1%
5%
V2
-12V
166mA
1.66A
±2%
0.5%
1%
5%
KMD15-1515
V1
+15V
50mA
0.5A
±2%
0.5%
1%
3%
V2
-15V
50mA
0.5A
±2%
0.5%
1%
3%
KMD40-1515
V1
+15V
133mA
1.33A
±2%
0.5%
1%
5%
V2
-15V
133mA
1.33A
±2%
0.5%
1%
5%
Triple Output
KMT15-51212
V1
5V(3)
500mA
2A
±2%
0.5%
1%
1%
V2
+12V
50mA
0.2A
15W
±3%
2.0%
5%
5%
78%
V3
-12V
50mA
0.2A
±3%
2.0%
5%
5%
KMT40-51212
V1
5V(3)
1250mA
5A
±3%
0.5%
3%
3%
V2
+12V
150mA
0.6A
40W
±5%
5.0%
7%
7%
80%
V3
-12V
150mA
0.6A
±5%
5.0%
7%
7%
KMT15-51515
V1
5V(3)
500mA
2A
±2%
0.5%
1%
1%
V2
+15V
37.5mA
0.15A
15W
±3%
2.0%
5%
5%
78%
V3
-15V
37.5mA
0.15A
±3%
2.0%
5%
5%
KMT40-51515
V1
5V(3)
1250mA
5A
±3%
0.5%
3%
3%
V2
+15V
125mA
0.5A
40W
±5%
5.0%
7%
7%
80%
V3
-15V
125mA
0.5A
±5%
5.0%
7%
7%
15W
40W
40W
40W
15W
40W
15W
40W
78%
79%
80%
80%
80%
83%
81%
81%
Output Ratings
(1) Symmetrical loading, from minimum to maximum load
(2) Output V1 is isolated from output V2
(3) Output V1 is isolated from outputs V2 & V3


Similar Part No. - KMD40-1515

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KMD40-1515 TDK-KMD40-1515 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
More results

Similar Description - KMD40-1515

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS-A TDK-KMS-A Datasheet
529Kb / 2P
   15-60W Medical AC-DC PCB-Mount Power Supplies
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
logo
Artesyn Technologies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
logo
Wall Industries,Inc.
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
   Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com