Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4210IM8 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KM4210IM8
Description  Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4210IM8 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KM4210IM8 Datasheet HTML 1Page - Fairchild Semiconductor KM4210IM8 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
Pr
eliminary
KM4210
Typical Specifications
Preliminary
Available Packages
Typical Circuit
Configuration
+
-
1/2
KM4210
Rf
0.01
µF
6.8
µF
Out1
In1
+Vs
+
Rg
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT
OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1.
Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant injury of the user.
2.
A critical component in any component of a life support device or system whose failure
to perform can be reasonably expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
Lit No. XXXXXX-XXX
Electrical Characteristics
(G = +2, Rf = 1kΩ, RL = 1kΩ to Vs/2, Ta = +25°C, unless noted)
PARAMETERS
CONDITIONS
TYP
TYP
UNITS
Vs = +2.7V Vs = +5V
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
x
75
MHz
G = +2, Vo < 0.2Vpp
x
35
MHz
full power bandwidth
G = +2, Vo = 2Vpp
x
x
MHz
gain bandwidth product
x
x
MHz
Time Domain Response
rise and fall time
0.2V step
y
y
ns
settling time to 0.1%
2V step
x
x
ns
overshoot
0.2V step
y
y
%
slew rate
5V step
x
50
V/
µs
Distortion and Noise Response
2nd harmonic distortion
2Vpp, 1MHz
y
y
dBc
3rd harmonic distortion
2Vpp, 1MHz
y
y
dBc
THD
2Vpp, 1MHz
x
x
dB
input voltage noise
>1MHz
x
12
nV/Hz
input current noise
>1MHz
x
x
pA/Hz
DC Performance
input offset voltage
x
-1
mV
average drift
x
10
µV/°C
input bias current
x
1.2
µA
average drift
y
3.5
nA/°C
input offset current
x
30
nA
power supply rejection ratio
DC
x
65
dB
open loop gain
x
80
dB
quiescent current per amplifier
x
505
µA
Input Characteristics
input resistance
x
x
M
input capacitance
x
x
pF
input common mode voltage range
x
-0.3 to 3.8
V
common mode rejection ratio
DC
x
92
dB
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
x
x
V
RL = 1kΩ to Vs/2
x
0.07 to 4.86
V
linear output current
x
±15
mA
short circuit output current
x
±30
mA
power supply operating range
2.5 to 5.5
V
*x and y = TBD
Absolute Maximum Ratings
supply voltage
0 to +6V
maximum junction temperature
+175°C
storage temperature range
-65°C to +150°C
lead temperature (10 sec)
+300°C
operating temperature range
-40° to +85°C
input voltage range
+Vs + 0.5V, -Vs - 0.5V
internal power disapation
see power derating curves in the full data sheet
θja for 8 lead MSOP
206°C/W


Similar Part No. - KM4210IM8

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8TR3 FAIRCHILD-KM4211IC8TR3 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IM8 FAIRCHILD-KM4211IM8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IM8TR3 FAIRCHILD-KM4211IM8TR3 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Similar Description - KM4210IM8

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
Exar Corporation
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Fairchild Semiconductor
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Fairchild Semiconductor
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Fairchild Semiconductor
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz