Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4210IM8 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KM4210IM8
Description  Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4210IM8 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KM4210IM8 Datasheet HTML 1Page - Fairchild Semiconductor KM4210IM8 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pr
eliminary
January 2001
KM4210
Dual, 0.5mA, Low Cost, +2.7V and
+5V, 75MHz Rail-to-Rail Amplifier
Product Brief
Features
I
505
µA supply current per amplifier
I
75MHz bandwidth
I
Fully specified at +2.7V and +5V supplies
I
Output voltage range: 0.07V to 4.86V; Vs = +5
I
Input voltage range: -0.3V to +3.8V; Vs = +5
I
50V/
µs slew rate
I
±15mA linear output current
I
±30mA output short circuit current
I
12nV/
√Hz input voltage noise
I
Directly replaces AD8032
I
Package option (MSOP-8)
Applications
I
Portable/battery-powered applications
I
A/D buffer
I
Active filters
I
Signal conditioning
I
Portable test instruments
General Description
The KM4210 is a dual, low power, low cost, voltage
feedback amplifier. The KM4210 uses only 505
µA
of supply current per amplifer, and is designed to
operate on +2.7V, +5V, or ±2.5V supplies. The input
voltage range extends 300mV below the negative
rail and 1.2V below the positive rail.
The KM4210 offers high bipolar performance at a
low CMOS price. The KM4210 offers superior
dynamic performance with a 75MHz small signal
bandwidth and 50V/
µs slew rate. The combination
of low power, high bandwidth, and rail-to-rail
performance make the KM4210 well suited for
battery-powered communication/computing systems.
The KM4110 (single) and KM4120 (single with disable)
are also available.
© 2001 Fairchild Semiconductor International
www.fairchildsemi.com
Patents Pending
Outperforms the competition in
single-supply applications at a
lower cost!
Advertised
KM4210
Competitor
Units
Specifications
A
G = 1 BW
75
80
MHz
Noise
12
15
nV/
Hz
Slew rate
50
30
V/
µs
Supply current/amp
0.5
0.8
µA
Typical Performance Plot
Ordering Information
Part No.
Package
Container
Pack Qty
Eval Bd*
KM4210IM8
MSOP-8
Rail
50
KEB010
KM4210IM8TR3
MSOP-8
Reel
4000
KEB010
Temperature range for all parts: -40°C to +85°C.
* Evaluation boards are available to aid in the evaluation of these products. See the full
data sheet or website for complete information.
Preliminary
TBD
SOIC shown
(not actual size)


Similar Part No. - KM4210IM8

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8TR3 FAIRCHILD-KM4211IC8TR3 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IM8 FAIRCHILD-KM4211IM8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IM8TR3 FAIRCHILD-KM4211IM8TR3 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

Similar Description - KM4210IM8

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
Exar Corporation
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
XR1008 EXAR-XR1008 Datasheet
750Kb / 17P
   0.5mA, 75MHz Rail-to-Rail Amplifiers
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
Fairchild Semiconductor
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Fairchild Semiconductor
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Fairchild Semiconductor
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz