Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM4210 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KM4210
Description  Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4210 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KM4210 Datasheet HTML 1Page - Fairchild Semiconductor KM4210 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP
Pr
eliminary
KM4210
Typical Specifications
Preliminary
Available Packages
Typical Circuit
Configuration
+
-
1/2
KM4210
Rf
0.01
µF
6.8
µF
Out1
In1
+Vs
+
Rg
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT
OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1.
Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant injury of the user.
2.
A critical component in any component of a life support device or system whose failure
to perform can be reasonably expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
Lit No. XXXXXX-XXX
Electrical Characteristics
(G = +2, Rf = 1kΩ, RL = 1kΩ to Vs/2, Ta = +25°C, unless noted)
PARAMETERS
CONDITIONS
TYP
TYP
UNITS
Vs = +2.7V Vs = +5V
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
x
75
MHz
G = +2, Vo < 0.2Vpp
x
35
MHz
full power bandwidth
G = +2, Vo = 2Vpp
x
x
MHz
gain bandwidth product
x
x
MHz
Time Domain Response
rise and fall time
0.2V step
y
y
ns
settling time to 0.1%
2V step
x
x
ns
overshoot
0.2V step
y
y
%
slew rate
5V step
x
50
V/
µs
Distortion and Noise Response
2nd harmonic distortion
2Vpp, 1MHz
y
y
dBc
3rd harmonic distortion
2Vpp, 1MHz
y
y
dBc
THD
2Vpp, 1MHz
x
x
dB
input voltage noise
>1MHz
x
12
nV/Hz
input current noise
>1MHz
x
x
pA/Hz
DC Performance
input offset voltage
x
-1
mV
average drift
x
10
µV/°C
input bias current
x
1.2
µA
average drift
y
3.5
nA/°C
input offset current
x
30
nA
power supply rejection ratio
DC
x
65
dB
open loop gain
x
80
dB
quiescent current per amplifier
x
505
µA
Input Characteristics
input resistance
x
x
M
input capacitance
x
x
pF
input common mode voltage range
x
-0.3 to 3.8
V
common mode rejection ratio
DC
x
92
dB
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
x
x
V
RL = 1kΩ to Vs/2
x
0.07 to 4.86
V
linear output current
x
±15
mA
short circuit output current
x
±30
mA
power supply operating range
2.5 to 5.5
V
*x and y = TBD
Absolute Maximum Ratings
supply voltage
0 to +6V
maximum junction temperature
+175°C
storage temperature range
-65°C to +150°C
lead temperature (10 sec)
+300°C
operating temperature range
-40° to +85°C
input voltage range
+Vs + 0.5V, -Vs - 0.5V
internal power disapation
see power derating curves in the full data sheet
θja for 8 lead MSOP
206°C/W


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn